Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS70 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MDS70
Description  70 Watts, 50 Volts, Pulsed Avionics 1030 - 1090MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS70 Datasheet(HTML) 1 Page - Microsemi Corporation

  MDS70 Datasheet HTML 1Page - Microsemi Corporation MDS70 Datasheet HTML 2Page - Microsemi Corporation MDS70 Datasheet HTML 3Page - Microsemi Corporation MDS70 Datasheet HTML 4Page - Microsemi Corporation MDS70 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
GENERAL DESCRIPTION
The MDS70 is a COMMON BASE bipolar transistor. It is designed for
MODE S pulsed systems in the frequency band 1030-1090 MHz. The device
has gold thin-film metallization for proven highest MTTF. The transistor
includes input prematch for broadband capacity. Low thermal resistance
package reduces junction temperature, extends life.
CASE OUTLINE
55CX, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
225 Watts
Maximum Voltage and Current
BVces
Collector to Base Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
5.0 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150
oC
Operating Junction Temperature
+ 200
oC
ELECTRICAL CHARACTERISTICS @ 25
OC
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
70
95
Watts
Pg
Power Gain
10.3
11.65
dB
RT
Rise Time
80
ns
ηc
Collector Efficiency
F = 1030-1090 MHz
Vcc = 50 Volts
Pin = 6.5W
Pulse Mod: Mode S
2
35
%
VSWR
1
Load Mismatch Tolerance
1090 MHz
5:1
BVebo
Emitter to Base Breakdown
Ie = 5 mA
3.5
Volts
BVces
Collector to Emitter Breakdown
Ic = 25 mA
65
Volts
hFE
DC - Current Gain
Ic = 500 mA, Vce = 5 V
20
θjc1
Thermal Resistance
0.8
oC/W
Notes: 1) At rated pulse conditions
2) Mode S Burst: 0.5us (on/off), N=128, Per=6.4ms; LTDC=1%
Rev B: October 2009
MDS70
70 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090MHz


Similar Part No. - MDS70

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MDS70 NAINA-MDS70 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 70 Amps
logo
Zentrum Mikroelektronik...
MDS709 ZMD-MDS709 Datasheet
147Kb / 1P
Package PLCC68
More results

Similar Description - MDS70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS1100 ADPOW-MDS1100 Datasheet
104Kb / 4P
1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com