Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP61012 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MP61012
Description  GaAs PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP61012 Datasheet(HTML) 1 Page - Microsemi Corporation

  MP61012 Datasheet HTML 1Page - Microsemi Corporation MP61012 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP61001 – MP61012
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
GaAs PIN DIODES
TM
®
Copyright
 2008
Rev: 2009-05-11
Reverse Voltage
Breakdown Voltage
Forward Current
50 mA @ 25°C
Incident Power
+20 dBm @ 25°C
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Packaged and Bondable Chips
Features
●
Low Series Resistance
●
Fast Switching Speed
●
Low Capacitance
●
No Reverse Bias Required
●
Available in Packages and Bondable Chips
●
Available as Chip-on-Board Components
Applications
●
Switches
●
Attenuators
●
Phase Shifters
Maximum Ratings
Description
Microsemi’s
GaAs PIN diodes
are fabricated
utilizing a gold contact mesa and protected with
silicon nitride. The diodes have short carrier lifetime
for fast switching speed and low series resistance.
GaAs
P00
diodes
are
available
as bondable
chips, chip-on-board components and in a variety
of packages.
GaAs PIN diodes, in comparison to Si PIN diodes,
reach its high impedance state at zero bias and do
not require reverse bias for low loss. Nanosecond
switching speed is achieved with GaAs PIN diodes,
using low-cost TTL drivers.


Similar Part No. - MP61012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Dc Components
MP610 DCCOM-MP610 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP610 GOOD-ARK-MP610 Datasheet
95Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP610 CHENG-YI-MP610 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP610 FORMOSA-MP610 Datasheet
112Kb / 6P
Bridge Rectifier
More results

Similar Description - MP61012

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8522 HAMAMATSU-G8522 Datasheet
103Kb / 2P
GaAs PIN photodiode
logo
Tyco Electronics
MA4GP907 MACOM-MA4GP907 Datasheet
314Kb / 4P
GaAs Flip-Chip PIN Diodes
logo
Optoway Technology Inc
PD-8100 OPTOWAY-PD-8100 Datasheet
87Kb / 2P
GaAs PIN PHOTODIODES
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-8100 OPTOWAY-PD-8100_09 Datasheet
126Kb / 3P
GaAs PIN PHOTODIODES
logo
Microsemi Corporation
MI5001 MICROSEMI-MI5001 Datasheet
167Kb / 1P
GaAs IMPATT DIODES
MP6250 MICROSEMI-MP6250 Datasheet
135Kb / 2P
GaAs Flip Chip PIN Diodes
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
GaAs Schottky Diodes
logo
M/A-COM Technology Solu...
MGS8XX MA-COM-MGS8XX Datasheet
710Kb / 4P
GaAs Schottky Diodes
logo
Rohm
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
PIN Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com