Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP61012 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MP61012
Description  GaAs PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP61012 Datasheet(HTML) 2 Page - Microsemi Corporation

  MP61012 Datasheet HTML 1Page - Microsemi Corporation MP61012 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MP61001 – MP61012
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs PIN DIODES
TM
®
Copyright
 2008
Rev: 2009-05-11
GaAs PIN Diodes (Packaged and Bondable Chips)
Gallium Arsenide PIN Diodes (Specifications @ 25°C)
Part Number
Max.
CJ @ -10 V1
(pf)
Min.
Breakdown
Voltage
(V)
Max.
Resistance
@ 20 mA2
(
)
Nominal
Switching
Speed
(ns)
Nominal
Carrier Lifetime3
(ns)
MP61001
0.03
200
3.0
20.0
50
MP61002
0.04
200
3.0
20.0
50
MP61003
0.05
200
3.0
20.0
50
MP61004
0.06
100
2.0
9.0
15
MP61005
0.07
100
2.0
9.0
15
MP61006
0.08
100
2.0
9.0
15
MP61007
0.10
75
2.0
6.0
10
MP61008
0.12
75
2.0
6.0
10
MP61009
0.15
50
1.0
3.5
5
MP61010
0.18
50
1.0
3.5
5
MP61011
0.23
50
0.8
3.5
5
MP61012
0.35
50
0.8
3.5
5
1
Capacitance is specified at 1 MHz.
2
Resistance is specified at 1 GHz.
3
Carrier lifetime is inferred from stored charge measurement at 10 mA.
Note:
GaAs PIN diode chips have a minimum bonding area diameter of 50 microns.
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com