Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1076 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1076
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1076 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1076 Datasheet HTML 1Page - Microsemi Corporation MS1076 Datasheet HTML 2Page - Microsemi Corporation MS1076 Datasheet HTML 3Page - Microsemi Corporation MS1076 Datasheet HTML 4Page - Microsemi Corporation MS1076 Datasheet HTML 5Page - Microsemi Corporation MS1076 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS1076
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
DESCRIPTION:
The MS1076 is a 28 volt epitaxial NPN silicon planar transistor
designed primarily for SSB and VHF communications. This
device utilizes an emitter ballasted die geometry for maximum
ruggedness and reliability.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector - Base Voltage
70
V
VCEO
Collector - Emitter Voltage
35
V
VEBO
Emitter - Base Voltage
4.0
V
IC
Device Current
16
A
PDISS
Power Dissipation
250
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
- 65 to +150
°C
Thermal Data
RTH(J-C)
Junction - Case Thermal Resistance
0.7
°C/W
Rev A: October 2009
Features
• 30 MHz
• 28 VOLTS
• GOLD METALLIZATION
• P
OUT = 220 W PEP
• G
P = 12 dB GAIN MINIMUM
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
HF SSB APPLICATIONS


Similar Part No. - MS1076

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1076 ADPOW-MS1076 Datasheet
90Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results

Similar Description - MS1076

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
logo
New Jersey Semi-Conduct...
SD1487 NJSEMI-SD1487 Datasheet
77Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com