Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2203 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2203
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2203 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2203 Datasheet HTML 1Page - Microsemi Corporation MS2203 Datasheet HTML 2Page - Microsemi Corporation MS2203 Datasheet HTML 3Page - Microsemi Corporation MS2203 Datasheet HTML 4Page - Microsemi Corporation MS2203 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Visit our website at www.microsemi.com or contact our factory direct.
MS2203
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
DESCRIPTION:
The MS2203 is a common emitter, silicon NPN, microwave
transistor designed for Class A driver applications under
DME or IFF pulse conditions. This device is capable of
withstanding an infinite load VSWR at any phase angle
under rated conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCE
Collector-Emitter
20
V
IC
Collector Current
300
mA
PD
Total Device Dissipation
5
W
TJ
Junction Temperature
200
°C
Tstg
Storage Temperature Range
-65 + 150
°C
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
35
°C/W
Rev A January 2009
Features
• 1090 MHz
• 18 VOLTS
• P
OUT = 0.6 WATTS
• G
P = 10.8 dB MINIMUM
• CLASS A OPERATION
• INFINITE VSWR CAPABILITY @ RATED CONDITIONS
• COMMON EMITTER CONFIGURATION
1. Collector
3. Base
2. Emitter
4. Emitter


Similar Part No. - MS2203

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
MS2203 NJSEMI-MS2203 Datasheet
121Kb / 2P
CLASS A OPERATION
More results

Similar Description - MS2203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com