Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2203 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2203
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2203 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2203 Datasheet HTML 1Page - Microsemi Corporation MS2203 Datasheet HTML 2Page - Microsemi Corporation MS2203 Datasheet HTML 3Page - Microsemi Corporation MS2203 Datasheet HTML 4Page - Microsemi Corporation MS2203 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Visit our website at www.microsemi.com or contact our factory direct.
MS2203
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCEO
IC = 5.0 mA
IB = 0 mA
20
---
---
V
BVCBO
IC = 1.0 mA
IE = 0 mA
50
---
---
V
BVEBO
IE = 1.0 mA
IC = 0 mA
3.5
---
---
V
ICES
VCE = 28 V
---
---
1.0
mA
hFE
VCE = 5.0 V
IC = 100 mA
15
---
120
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1025 – 1150 MHz
PIN = 50mW
0.6
0.85
---
W
GPE
f = 1025 – 1150 MHz
PIN = 50 mW
10.8
12.3
---
dB
Conditions:
VCE = 18V
Icq = 120 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com