Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2228 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2228
Description  RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2228 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2228 Datasheet HTML 1Page - Microsemi Corporation MS2228 Datasheet HTML 2Page - Microsemi Corporation MS2228 Datasheet HTML 3Page - Microsemi Corporation MS2228 Datasheet HTML 4Page - Microsemi Corporation MS2228 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS2228
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
RF & MICROWAVE TRANSISTORS
L-BAND RADAR APPLICATIONS
DESCRIPTION:
The MS2228 device is a high power Class C transistor specifically
designed for L-Band Avionics transponder/interrogator pulsed
output and driver applications.
This device is capable of operation over a wide range of pulse widths,
duty cycles, and is capable of withstanding 10:1 output VSWR at
rated RF conditions. Internal input and output matching provide
optimum performance and product consistency.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
175
W
IC
Device Current
5.4
A
Vcc
Collector-Supply Voltage
55
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +200
°C
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
∗
0.86
°C/W
Revision A, October 2009
Features
• 1090 MHz
• 50 VOLTS
• P
OUT = 75 WATTS
• G
P = 9.2 dB MINMUM
• 10:1 VSWR CAPABILITY
• COMMON BASE CONFIGURATION


Similar Part No. - MS2228

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2228 ADPOW-MS2228 Datasheet
165Kb / 5P
RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS
More results

Similar Description - MS2228

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1214-100 STMICROELECTRONICS-AM1214-100 Datasheet
35Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1214-175 STMICROELECTRONICS-AM1214-175 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-200 STMICROELECTRONICS-AM1214-200 Datasheet
57Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-300 STMICROELECTRONICS-AM1214-300 Datasheet
92Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-325 STMICROELECTRONICS-AM1214-325 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80814-005 STMICROELECTRONICS-AM80814-005 Datasheet
72Kb / 5P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80814-025 STMICROELECTRONICS-AM80814-025 Datasheet
56Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-015 STMICROELECTRONICS-AM81214-015 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-030 STMICROELECTRONICS-AM81214-030 Datasheet
94Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-060 STMICROELECTRONICS-AM81214-060 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com