Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2228 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2228
Description  RF & MICROWAVE TRANSISTORS L-BAND RADAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2228 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2228 Datasheet HTML 1Page - Microsemi Corporation MS2228 Datasheet HTML 2Page - Microsemi Corporation MS2228 Datasheet HTML 3Page - Microsemi Corporation MS2228 Datasheet HTML 4Page - Microsemi Corporation MS2228 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS2228
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10 mA
IE = 0 mA
65
---
---
V
BVEBO
IE = 4 mA
IC = 0 mA
3.5
---
---
V
BVCER
IC = 20 mA
RBE = 10Ω
65
---
---
V
ICES
VCE = 50 V
---
---
6
mA
HFE
VCE = 5 V
IC = 1 A
10
---
---
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1090 MHz
PIN = 9W
VCC = 50V
75
---
---
W
GP
f = 1090 MHz
PIN = 9W
VCC = 50V
9.2
---
---
dB
η
C
f = 1090 MHz
PIN = 9W
VCC = 50V
48
---
---
%
Conditions:
Pulse Width = 32
µsec Duty Cycle = 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com