Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2553C Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MS2553C
Description  35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2553C Datasheet(HTML) 3 Page - Microsemi Corporation

  MS2553C Datasheet HTML 1Page - Microsemi Corporation MS2553C Datasheet HTML 2Page - Microsemi Corporation MS2553C Datasheet HTML 3Page - Microsemi Corporation MS2553C Datasheet HTML 4Page - Microsemi Corporation MS2553C Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS2553C
MS2553C Test Circuit Layout
MS2553C Test Circuit Component Designations and Values
Part
Description
Part
Description
C1, C2
100pF Chip Capacitor (ATC 100B)
C3, C4
.35-3.5pF Johanson Capacitor,
JMC5801
C5
220uF 63V Electrolytic Capacitor
L1, L2
4 Turns, 20 AWG, IDIA 0.092?î
M1
67 x 1596 mils (W x L)
M2
156 x 54 mils (W x L)
M3
955 x 335 mils (W x L)
M4
240 x 398 mils (W x L)
M5
1224 x 294 mils (W x L)
M6
180 x 134 mils (W x L)
M7
67 x 342 mils (W x L)
M8
788 x 216 mils (W x L)
M9
67 x 551 mils (W x L)
PCB
Rogers RO4350, e’r=3.48, 30mils, 1oz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com