Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2553C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2553C
Description  35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2553C Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2553C Datasheet HTML 1Page - Microsemi Corporation MS2553C Datasheet HTML 2Page - Microsemi Corporation MS2553C Datasheet HTML 3Page - Microsemi Corporation MS2553C Datasheet HTML 4Page - Microsemi Corporation MS2553C Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MS2553C
35 Watts, 50 Volts
Pulsed Avionics 1025 to 1150 MHz
GENERAL DESCRIPTION
The
MS2553C is a medium power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1025-1150 MHz. The device
has gold thin-film metallization and diffused ballasting for proven highest MTTF.
The transistor includes input prematch for broadband capability.
Low thermal
resistance package reduces junction temperature, extends life.
CASE OUTLINE
M220
(Common Base)
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (P
d)
175 W (At rated pulse condition)
Voltage and Current
Collector to Base Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
4.0 A
Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25°C
SYMBOL CHARACTERISTICS
TEST CONDITIONS
MIN TYP MAX
UNITS
BVEBO
Emitter - Base Breakdown
Ie = 10mA
3.5
V
BVCBO
Collector - Base Breakdown
Ic = 20mA
65
V
BVCEO
Collector - Emitter Breakdown
Ic = 20mA
25
V
hFE
DC – Current Gain
Ic = 500mA, Vce = 5V
20
-
θjc1,2
Thermal Resistance
0.5
°C/W
FUNCTIONAL CHARACTERISTICS @ 25°C, Vcc = 50V
POUT
Power Out
35
W
PIN
Power Input
3.2
W
Gp
Power Gain
10.5
dB
η
C
Collector Efficiency
40
%
Pd
Pulse Droop
1
dB
?á
Load Mismatch
F = 1025/1090/1150 MHz,
PW = 10
µsec, DF = 1%,
PIN = 3.2W
10:1
-
NOTES:
1. At rated output power and pulse conditions
2. Pulse Format: PW=10µs, DF=1%
Rev. A – May. 2008


Similar Part No. - MS2553C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2552 MICROSEMI-MS2552 Datasheet
245Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2553C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com