Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0832 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM0832
Description  8-Bit ADCs with Serial Interface and Differential or Dual Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0832 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM0832 Datasheet HTML 6Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 9Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 10Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 11Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 12Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 13Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Wolfson Microelectronics
10
WM0831, WM0832
Pin Descriptions
WM0831
Pin
Name
Type
Function
1
CS
Digital
Chip Select
(active low)
2
IN+
Analogue input
Positive differential
input
3
IN-
Analogue input
Negative differential
input
4
GND
Supply
Analogue and digital
ground
5VREF
Analogue input
Voltage reference
input
6
DO
Digital input
Data Output
7
CLK
Digital input
Clock input
8VCC
Supply
Positive supply
voltage
WM0832
Pin
Name
Type
Function
1
CS
Digital
Chip Select
(active low)
2
CH0
Analogue input
Channel 0 input to
multiplexer (MUX)
3
CH1
Analogue input
Channel 1 input to
multiplexer (MUX)
4
GND
Supply
Analogue and
digital ground
5
DI
Digital input
Data input
6
DO
Digital input
Data Output
7
CLK
Digital input
Clock input
8VCC/VREF Supply/Analogue I/P Positive supply
voltage and
voltage(ratiometric)
reference input
Multiplexer / Package Options
Device
Number of Analogue Channels
Number of
No
Single Ended
Differential
Package Pins
WM0831
1
1
8
WM0832
2
1
8
Functional Description
Input and Multiplexer Operation and Addressing
WM0831 has two inputs IN+ and IN- configured for
differential operation, single ended operation is achieved
by grounding IN- to an analogue common or GND.
WM0832 uses an input multiplexer scheme with two input
channels, configurable for single-ended or differential
operation. The single ended input uses the GND pin as its
analogue ground reference.
WM0831/2 uses a successive approximation routine to
perform A/D conversion and employs a sample data
comparator structure which always performs conversion
on a differential voltage. Conversion takes place on the
voltage difference between assigned “+” and “-” inputs and
the converter expects the “+” input to be the most positive,
if the “+” input is more negative than “-” then the converter
gives an all zeros output. Assignment of WM0832 inputs
is made for a single-ended signal between an “+” input
and (analogue) ground (GND), or for a differential input
between CH0 and CH1 inputs of either polarity.
For WM0832 prior to the start of every conversion the input
configuration is assigned during the MUX addressing
sequence by serially shifting data into the Data Input (DI) on
the second and third rising edges of the clock input. The
MUX address selects which analogue inputs are enabled,
either single-ended or differential. For differential inputs the
polarity of the inputs are also assigned. The MUX
addressing table gives full details of input assignments.
Because WM0831 has only one differential input of fixed
polarity it does not require addressing.
WM0832 MUX Addressing
MUX Address
Channel Number
SGL/DIF
ODD/EVEN
0
1
Differential MUX Mode
00
+-
01
-+
Single Ended MUX Mode
10
+
11
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com