Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0832 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM0832
Description  8-Bit ADCs with Serial Interface and Differential or Dual Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0832 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM0832 Datasheet HTML 1Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 2Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 3Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 4Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 5Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 6Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 7Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 8Page - Wolfson Microelectronics plc WM0832 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Wolfson Microelectronics
4
WM0831, WM0832
Recommended Operating Conditions (3.3V)
SYMBOL
MIN
NOMINAL
MAX
UNIT
Supply voltage
VCC
2.7
3.3
3.6
V
High level input voltage
VIH
2V
Low level input voltage
VIL
0.8
V
Clock frequency (Vcc = 3.3V)
fclock
10
600
KHz
Clock duty cycle (see Note 4)
Dclk
40
60
%
Pulse duration CS high
twH(CS)
220
ns
Operating free-air temperature
C suffix
TA
070
oC
I Suffix
TA
-40
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com