Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4303 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW4303
Description  PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4303 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW4303 Datasheet HTML 17Page - New Japan Radio NJW4303 Datasheet HTML 18Page - New Japan Radio NJW4303 Datasheet HTML 19Page - New Japan Radio NJW4303 Datasheet HTML 20Page - New Japan Radio NJW4303 Datasheet HTML 21Page - New Japan Radio NJW4303 Datasheet HTML 22Page - New Japan Radio NJW4303 Datasheet HTML 23Page - New Japan Radio NJW4303 Datasheet HTML 24Page - New Japan Radio NJW4303 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
NJW4303
- 21 -
TYPICALAPPLICATION CIRCUIT 2
H1+
H2+
H3+
FRC
VREF
OSC
VERR
GND
ILIMIT
WL
VL
UL
WH
VH
UH
FR
BR
FG
H1-
H2-
H3-
S/S
N1
N2
DEC
VCC
N
N
S
S
3Phase Motor
H
H
H
FG-OUT
+
VM
GND
+
CFRC
CVCC
CVREF
COSC
Cct
RFG
Lowpass Filter
CVERR
+
+
-
VREF
UVLO
Saw
Oscillator
+
-
PWM Logic
Lock
Detect
TSD
+
-
+
-
+
-
Dead
Time
Rotor
Position
Decode
Comparator
FG-IN
V-IN
Ct
V-FG
<Reference Value>
C1=22nF
R1=10kΩ
R2=40kΩ
R3=10kΩ
D1:1S2076
COMP1:NJM2903
C1
R1
D1
R2
R3
COMP1
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com