Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4303 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4303
Description  PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4303 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4303 Datasheet HTML 3Page - New Japan Radio NJW4303 Datasheet HTML 4Page - New Japan Radio NJW4303 Datasheet HTML 5Page - New Japan Radio NJW4303 Datasheet HTML 6Page - New Japan Radio NJW4303 Datasheet HTML 7Page - New Japan Radio NJW4303 Datasheet HTML 8Page - New Japan Radio NJW4303 Datasheet HTML 9Page - New Japan Radio NJW4303 Datasheet HTML 10Page - New Japan Radio NJW4303 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
NJW4303
- 7 -
PIN / CIRCUIT OPERATIONAL DEFINITION
Hall Input Pin Input Common-Mode Voltage Definition
Hall Input Hysteresis Voltage Definition
(Hall Amp Block)
(Hall Amp Block)
Input pins thresh operational Definition
FR Dead Time Definition (FR Dead Time Block)
(FR, BR, N1, N2, DEC, S/S PIN)
Oscillation Frequency Definition(Oscillation Bloc)
PWM 100% Sensory Voltage / PWM 100% Sensory Voltage Definition (Error Amplifier Block)
0V
VIN
5V
2.0V
0.8V
HIGH Level Voltage
Undefined
LOW Level Voltage
2V
TIME t
0.8V
V
VREF
V
FRC
V
FR
TIME t
tDFRC1
tDFRC2
ROTATING
DIRECTION
RVS
(REVERSE)
RVS
(REVERSE)
FWD
(FORWARD)
STOP
STOP
3.5V
0V
VICMIH
V
OSC
Time t
t
CHGOSC t
DCHGOSC
BOSC
V
POSC
V
V
VERR
Full speed ( = PWM 100%)
stop ( = PWM 0%)
variable speed control
V
OSC
V
VERR
V
OSC
VIH
0V
3.5V
∆V
HYSIH
LOGIC INVERSION
LOGIC INVERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com