Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM0832CP Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM0832CP
Description  8-Bit ADCs with Serial Interface and Differential or Dual Inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM0832CP Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM0832CP Datasheet HTML 1Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 2Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 3Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 4Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 5Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 6Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 7Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 8Page - Wolfson Microelectronics plc WM0832CP Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Lutton Court, Bernard Terrace, Edinburgh EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
email: admin@wolfson.co.uk
www: http://www.wolfson.co.uk
Wolfson Microelectronics
Production Data data sheets contain
final
specifications current on publication date. Supply
of products conforms to Wolfson Microelectronics
standard terms and conditions.
© 1996 Wolfson Microelectronics
Production Data
Sept 1996 Rev 2.1
8-Bit ADCs with Serial Interface and
Differential or Dual Inputs
Description
WM0831 and WM0832 are 8-bit analogue to digital
converters (ADC) with serial I/O interfaces, providing a
choice of input configurations in 8-pin SO or DIP packages.
WM0831 has a differential input, also configurable as a
single ended input. A-D conversion results are serially
output on Data Out (DO) under the control of clock and chip
select inputs. The device has a separate voltage reference
input.
WM0832's two input multiplexer is configurable via the Data
In (DI) serial input, as two single ended inputs or a single
differential input. The voltage reference operates
ratiometrically and is internally connected to the VCC pin.
Conversion is initiated by bringing and holding chip select
low while providing a clock input. With WM0831's fixed
input configuration, the conversion result is output at DO on
the clock's falling edges in MSB to LSB order.
With WM0832's configurable input multiplexer, data is input
to DI on the rising edges of the clock to setup the Mux and
initiate conversion. Conversion results appear serially at
DO on the falling edges of the clock, first in MSB to LSB
order, and then repeated in LSB to MSB order.
WM0831/2 operate on 5V or 3.3V supply voltages and are
available in small outline and DIP packages for commercial
(0 to 70
oC) and industrial (-40 to 85oC) temperature ranges.
Features
•
Functionally Equivalent to National Semiconduc-
tor ADC0831 and ADC0832
•
WM0831: Differential or single ended input
•
WM0832: Two single ended inputs or a single
differential input
•
Ratiometric reference input (fixed for WM0832)
•
Serial I/O interface
•
Input range 0 to Vcc with Vcc Reference
•
8 pin package, SO or DIP
•
5V and 3.3V variants
•
Total Unadjusted Error: ± 1 LSB
•
8-bit resolution
•
32
µµµµµs conversion time at fclock = 250 kHz
Applications
•
Embedding with remote sensors
•
Equipment health monitoring
•
Automotive
•
Industrial control
Block Diagrams
WM0831
WM0832
GND
CH0
CH1
DI
CLK
CS
DO
Vcc
VREF
Start Conv
Mux Select
Input Latch
Internal CS
Output Shift
Register
Comparator
WM0832
DAC
&
SAR
Logic
Input
MUX
Output
Latch
Comparator
WM0831
DAC
&
SAR
Logic
GND
IN+
IN-
VREF
CLK
CS
DO
Vcc
WM0831, WM0832


Similar Part No. - WM0832CP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834CD WOLFSON-WM0834CD Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834CN WOLFSON-WM0834CN Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834ID WOLFSON-WM0834ID Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
WM0834IN WOLFSON-WM0834IN Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
More results

Similar Description - WM0832CP

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1377 MAXIM-MAX1377 Datasheet
2Mb / 25P
Dual, 12-Bit, 1.25Msps Simultaneous-Sampling ADCs with Serial Interface
19-4126; Rev 1; 2/09
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com