Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA304D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA304D
Description  10 AMP 50 to 1,000 VOLT STANDARD RECOVERY SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA304D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA304D Datasheet HTML 1Page - Solid States Devices, Inc SDA304D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0011B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA304 __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
│
│
│
│
│
│
│
└
Peak Inverse Voltage
A = 50V, B = 100V, C = 200V, D = 400V
E = 600V, F = 800V, and G = 1,000V.
SDA304A thru SDA304G
10 AMP
50 to 1,000 VOLT
STANDARD RECOVERY
SINGLE PHASE BRIDGE
FEATURES:
•
PIV 50 to 1,000 Volts
•
Average Output 10A
•
Reverse Recovery 5
μsec Max
•
Avalanche Breakdown
•
Small Size
•
Hermetically Sealed Rectifier
•
Easy PC Mounting
•
Maximum Thermal Resistance 5.0°C/W
•
-55 to +150°C Operating and Storage Temperature
•
Also Available in Fast, Ultra Fast, and Hyper Fast
Versions – Contact Factory
•
TX and TXV Screening Available
NOTES:
1/ For Ordering Information, Price, Operating Curves and Availability-
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Maximum forward voltage measured with instantaneous forward
pulse of 300
μsec minimum.
SDA304 Package
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak Inverse
Voltage
(per leg)
Average Rectified
Current
Maximum Surge
Current (1
Cycle)
Maximum Forward
Voltage
(per leg)
Maximum Reverse
Current
(@ PIV)
Symbol
PIV
IO
IFSM
VF
4/
IR
Units
Volts
Amps
Amps
Volts
μA
Conditions
25OC
85oC
25OC
IF=9A, TA=25
OC
25oC
100oC
SDA304A
50
10
75
1.15
5
100
SDA304B
100
10
75
1.15
5
100
SDA304C
200
10
75
1.15
5
100
SDA304D
400
10
75
1.15
5
100
SDA304E
600
10
75
1.15
5
100
SDA304F
800
10
75
1.15
5
100
SDA304G
1000
10
75
1.15
5
100


Similar Part No. - SDA304D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA3002 ETC1-SDA3002 Datasheet
329Kb / 10P
BIPOLAR IC
logo
Shanghai Leiditech Elec...
SDA3011CDN LEIDITECH-SDA3011CDN Datasheet
1,001Kb / 4P
1-Line Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
Siemens Semiconductor G...
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
8-bIT Microcontroller, ROMLESS
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
8-Bit Microcontroller ROMLESS
More results

Similar Description - SDA304D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC1000S MCC-KBPC1000S Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005 Datasheet
79Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001 Datasheet
78Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
SDA165A SSDI-SDA165A Datasheet
57Kb / 2P
10 AMPS 50 - 1000 VOLTS STANDARD RECOVERY SINGLE PHASE BRIDGE
logo
Micro Commercial Compon...
MB1005 MCC-MB1005_08 Datasheet
123Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU1001 KISEMICONDUCTOR-KBU1001 Datasheet
69Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
BR1005 MCC-BR1005 Datasheet
252Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB1005 MCC-MB1005_11 Datasheet
171Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP1005 MCC-MP1005 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS1001 MCC-RS1001_16 Datasheet
256Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com