Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2623 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM2623
Description  Low Power 8-bit Serial Input DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2623 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM2623 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WM2623
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 October 2000
8
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial clock rate is:
MHz
t
t
f
WL
WH
SCLK
20
1
min
min
max
=
+
=
Since a data word contains 16 bits, the sample rate is limited to
()
MHz
t
t
f
WL
WH
s
25
.
1
16
1
min
min
max
=
+
=
However, the DAC settling time to 8 bits accuracy limits the response time of the analogue output
for large input step transitions.
SOFTWARE CONFIGURATION OPTIONS
Table 2 shows the composition of a 16 bit data word. D11-D4 contains the 8-bit data word, and
D14-D13 hold the programmable options. Bits D15, D12, and D3 through D0 should be set to
ZERO.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
SPD PWR
0
New DAC value (8 bits)
0
0
0
0
Table 2 Register Map
PROGRAMMABLE SETTLING TIME
SPD (Bit 14) allows for software control of the converter speed. A ONE selects the fast mode,
where typical settling time to within
±0.5LSB of the final value is 3µs. a ZERO puts the device into
the slow mode, where typical settling time is 9
µs.
PROGRAMMABLE POWER DOWN
The power down function is controlled by PWR (Bit 13). A ZERO configures the device as active,
or fully powered up, a ONE configures the device into power down mode. When the power down
function is released the device reverts to the DAC code set prior to power down.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com