Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2623 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2623
Description  Low Power 8-bit Serial Input DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2623 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2623 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2623 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WM2623
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 October 2000
2
PIN CONFIGURATION
1
2
3
4
NCS
DIN
SCLK
GND
REF
FS
VDD
OUT
5
6
7
8
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
DIN
Digital input
Serial data input
2
SCLK
Digital input
Serial clock input
3
NCS
Digital input
Chip select. This pin is active low.
4
FS
Digital input
Frame synchronisation for serial input data
5
GND
Supply
Ground
6
REF
Analogue input
Voltage reference input
7
OUT
Analogue output
DAC analogue output
8
VDD
Supply
Positive power supply
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supply voltage, VDD to GND
7V
Digital input voltage
-0.3V
VDD + 0.3V
Reference input voltage
-0.3V
VDD + 0.3V
Operating temperature range, TA
WM2623CD
WM2623ID
0
°C
-40
°C
70
°C
85
°C
Storage temperature
-65
°C
150
°C
Lead temperature 1.6mm (1/16 inch) from package body for 10 seconds
260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VDD
2.7
5.5
V
High-level digital input voltage
VIH
VDD = 2.7V to 5.5V
2
V
Low-level digital input voltage
VIL
VDD = 2.7V to 5.5V
0.8
V
Reference voltage to REF pin
VREF
See Note
AGND
VDD - 1.5
V
Load resistance
RL
210
k
Ω
Load capacitance
CL
100
pF
Serial clock frequency
fSCLK
20
MHz
WM2623CD
0
70
°C
Operating free-air temperature
TA
WM2623ID
-40
85
°C
Note:
Reference input voltages greater than VDD/2 will cause clipping for large DAC codes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com