Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2113 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2113 Datasheet HTML 1Page - Microsemi Corporation NX2113 Datasheet HTML 2Page - Microsemi Corporation NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NX2113/2113A
2
Rev. 2.0
11/18/05
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc = 5V, and T
A = 0 to 70
oC. Typical values refer to T
A
= 25oC. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
ABSOLUTE MAXIMUM RATINGS
Vcc to GND & BST to SW voltage ................... 6.5V
BST to GND Voltage ...................................... 35V
Storage Temperature Range ............................. -65oC to 150oC
Operating Junction Temperature Range ............. -40oC to 125oC
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
10-LEAD PLASTIC MSOP
10-LEAD PLASTIC MLPD
4
3
2
1
7
8
9
10
BST
LDrv
PGnd/Gnd
HDrv
EN
Fb
Comp
SW
5
PVcc
6 Vcc
7
8
9
10
4
3
2
1
BST
LDrv
PGnd
HDrv
EN
Fb
Comp
SW
6
PVcc 5
Vcc
(Gnd)
PAD
θ ≈ 52/
o
JA
CW
o
JA
CW
θ ≈ 200/
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Reference Voltage
Ref Voltage
VREF
4.5V<Vcc<5.5V
0.8
V
Ref Voltage line regulation
0.4
%
Supply Voltage(Vcc)
VCC Voltage Range
VCC
4.5
5
5.5
V
VCC Supply Current (Static)
ICC (Static) Outputs not switching
2.1
mA
VCC Supply Current
(Dynamic)
ICC
(Dynamic)
CLOAD=3300pF FS=300kHz
5
mA
Supply Voltage(VBST)
VBST Supply Current (Static)
IBST (Static) Outputs not switching
0.15
mA
VBST Supply Current
(Dynamic)
IBST
(Dynamic)
CLOAD=3300pF
FS=300kHz
5
mA
Under Voltage Lockout
VCC-Threshold
VCC_UVLO VCC Rising
4.1
V
VCC-Hysteresis
VCC_Hyst
VCC Falling
0.22
V
SS
Soft Start time
Tss
Fsw=300Khz, 2113
Fsw=600Khz, 2113A
3.4
1.7
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com