Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2113 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2113
Description  300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2113 Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2113 Datasheet HTML 1Page - Microsemi Corporation NX2113 Datasheet HTML 2Page - Microsemi Corporation NX2113 Datasheet HTML 3Page - Microsemi Corporation NX2113 Datasheet HTML 4Page - Microsemi Corporation NX2113 Datasheet HTML 5Page - Microsemi Corporation NX2113 Datasheet HTML 6Page - Microsemi Corporation NX2113 Datasheet HTML 7Page - Microsemi Corporation NX2113 Datasheet HTML 8Page - Microsemi Corporation NX2113 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NX2113/2113A
1
Rev. 2.0
11/18/05
TYPICAL APPLICATION
DESCRIPTION
The NX2113 controller IC is a synchronous Buck con-
troller IC designed for step down DC to DC converter
applications. Synchronous control operation replaces the
traditional catch diode with an Nch MOSFET resulting
in improved converter efficiency. The NX2113 controller
is optimized to convert bus voltages from 2V to 25V to
outputs as low as 0.8V voltage using Enable pin to
program the BUS voltage start up threshold. The NX2113
operates at 300kHz while 2113A is set at 600kHz
operation which together with less than 50 nS of dead
band provides an efficient and cost effective solution.
Other features of the device are:
Internal digital soft start; Vcc undervoltage lock out;
Output undervoltage protection with digital filter and shut-
down capability via the enable pin.
n Synchronous Controller in 10 Pin Package
n Bus voltage operation from 2V to 25V
n Enable pin allows programmable BUS UVLO
n Less than 50 nS adaptive deadband
n Internal 300kHz for 2113 and 600kHz for 2113A
n Internal Digital Soft Start Function
n Separated power ground and analog ground for
extra noise filtering
n Pb-free and RoHS compliant
ORDERING INFORMATION
FEATURES
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH
PROGRAMMABLE BUS UVLO
APPLICATIONS
n Graphic Card on board converters
n Memory Vcore or Vddq supply
n On board DC to DC such as
12V, 5V to 3.3V, 2.5V or 1.8V
n Hard Disk Drive
PRELIMINARY DATA SHEET
Evaluation board available.
Device
Temperature
Package
Frequency
Pb-Free
NX2113CMTR
0 to 70oC
MLPD-10L
300kHz
Yes
NX2113CUTR
0 to 70o C
MSOP-10L
300kHz
Yes
NX2113ACMTR
0 to 70oC
MLPD-10L
600kHz
Yes
NX2113ACUTR
0 to 70o C
MSOP-10L
600kHz
Yes
Figure1 - Typical application of 2113A
C6
1uF
C5
1uF
Cin
Vin
+12V
D1
M1
M2
L1 1.5uH
C2
2.7nF
C7
0.1uF
R2
10k 1%
11k
R4
10k 1%
R1
Vin
+5V
47pF
C1
68k
R5
12.4k
R6
Vcc
BST
Fb
Comp
SW
Hdrv
Ldrv
PGnd
6
1
2
10
4
8
9
3
PVcc
5
EN
7
C4
1uF
10
R3
+1.6V,10A
Vout
270uF,18mohm
3x (220uF,12mohm)
Co
Gnd
11
L2 1uH
C3
47uF
OFF
ON
2N3904
10k
R8
R7
10k
C8 2.2nF
1.2k
R9
C9
1uF
Pb Free Product


Similar Part No. - NX2113

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114A MICROSEMI-NX2114A Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114ACSTR MICROSEMI-NX2114ACSTR Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2114CSTR MICROSEMI-NX2114CSTR Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
More results

Similar Description - NX2113

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com