Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2625CD Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM2625CD
Description  Low Power Dual 8-bit Serial Input DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2625CD Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

  WM2625CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
WM2625
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
6
DEVICE DESCRIPTION
GENERAL FUNCTION
The WM2625 is a dual 8-bit, voltage output DAC operating from a single supply. It uses a resistor
string network buffered with an op amp to convert 8-bit digital data to analogue voltage levels (see
Block Diagram). The output voltage is determined by the reference input voltage and the input code
according to the following relationship:
()
256
2
CODE
V
out
V
REFIN
=
INPUT
OUTPUT
1111
1111
()
256
255
2
REF
V
::
1000
0001
()
256
129
2
REF
V
1000
0000
()
REF
REF
V
V
=
256
128
2
0111
1111
()
256
127
2
REF
V
::
0000
0001
()
256
1
2
REF
V
0000
0000
0V
Table 1 Binary Code Table (0V to 2VREF Output), Gain = 2
POWER ON RESET
An internal power-on-reset circuit resets the DAC register to all 0s on power-up.
BUFFER AMPLIFIER
The output buffer has a near rail-to-rail output with short circuit protection and can reliably drive a
2k
Ω load with a 100pF load capacitance.
EXTERNAL REFERENCE
The reference voltage input is buffered which makes the DAC input resistance independent of
code. The REF pin has an input resistance of 10M
Ω and an input capacitance of typically 5pF. The
reference voltage determines the DAC full-scale output.
SERIAL INTERFACE
Before writing any data to the WM2625, the interface must be enabled by setting NCS to low.
Incoming data on DIN (starting with the MSB) is then shifted bit-per-bit into the internal register on
the falling edges of SCLK. From there data is loaded into the target latch after 16 bits have been
transferred, or when NCS rises. Three internal latches can be addressed: DAC A, DAC B, or the
buffer latch. This makes it possible to update both DACs simultaneously or to update one
independently of the other (see ‘Addressing the Buffer and DAC Latches’, below).
SERIAL CLOCK AND UPDATE RATE
Figure 1 shows the device timing. The maximum serial rate is:
MHz
t
t
f
WL
WH
SCLK
20
1
min
min
max
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com