Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2625CD Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2625CD
Description  Low Power Dual 8-bit Serial Input DAC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2625CD Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

  WM2625CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM2625CD Datasheet HTML 9Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Production Data
WM2625
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 April 2001
9
PACKAGE DIMENSIONS
DM009.B
D: 8 PIN SOIC 3.9mm Wide Body
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MINMAX
MINMAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
e
1.27 BSC
0.050 BSC
E
3.80
4.00
0.1497
0.1574
h
0.25
0.50
0.0099
0.0196
H
5.80
6.20
0.2284
0.2440
L
0.40
1.27
0.0160
0.0500
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
C
h x 45o
α
L
A
A1
SEATING PLANE
-C-
0.10 (0.004)
4
1
D
5
8
E
H
B
e



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com