Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2116A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2116A
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2116A Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2116A Datasheet HTML 1Page - Microsemi Corporation NX2116A Datasheet HTML 2Page - Microsemi Corporation NX2116A Datasheet HTML 3Page - Microsemi Corporation NX2116A Datasheet HTML 4Page - Microsemi Corporation NX2116A Datasheet HTML 5Page - Microsemi Corporation NX2116A Datasheet HTML 6Page - Microsemi Corporation NX2116A Datasheet HTML 7Page - Microsemi Corporation NX2116A Datasheet HTML 8Page - Microsemi Corporation NX2116A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
3
Rev. 3.0
03/14/06
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Under Voltage Lockout
VCC-Threshold
VCC_UVLO VCC Rising
3.8
4
4.2
V
VCC-Hysteresis
VCC_Hyst
VCC Falling
0.2
V
Oscillator
Frequency
FS
2116, 2117
300
kHz
2116A,2117A
600
kHz
2116B
1000
kHz
Ramp-Amplitude Voltage
VRAMP
1.5
V
Max Duty Cycle
95
%
Min Duty Cycle
0
%
Error Amplifiers
Transconductance
2000
umho
Input Bias Current
Ib
10
nA
EN & SS
NX2116,NX2117
6.8
NX2116A, NX2117A
NX2116B
Enable HI Threshold
1.25
V
Enable Hysterises
150
mV
High Side Driver
(CL=3300pF)
Rise Time
THdrv(Rise)
VBST-VSW=4.5V
50
ns
Fall Time
THdrv(Fall)
VBST-VSW=4.5V
50
ns
Low Side Driver
(CL=3300pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
0.9
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
0.5
ohm
Rise Time
TLdrv(Rise)
10% to 90%
50
ns
Fall Time
TLdrv(Fall)
90% to 10%
50
ns
OCP Adjust
OCP current
40
uA
Power Good(Pgood)
Threshold Voltage as % of
Vref
FB ramping up
90
%
Hysteresis
5
%
Output Impedance , Sourcing
Current
Rsource(Hdrv)
I=200mA
ohm
0.65
30
ns
30
ns
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%
Tdead(L to
H)
Deadband Time
Ldrv going Low to Hdrv going
High, 10%-10%
Soft Start time
Tss
mS
Output Impedance , Sinking
Current
Rsink(Hdrv)
I=200mA
0.9
ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com