Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2116A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2116A
Description  SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2116A Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2116A Datasheet HTML 1Page - Microsemi Corporation NX2116A Datasheet HTML 2Page - Microsemi Corporation NX2116A Datasheet HTML 3Page - Microsemi Corporation NX2116A Datasheet HTML 4Page - Microsemi Corporation NX2116A Datasheet HTML 5Page - Microsemi Corporation NX2116A Datasheet HTML 6Page - Microsemi Corporation NX2116A Datasheet HTML 7Page - Microsemi Corporation NX2116A Datasheet HTML 8Page - Microsemi Corporation NX2116A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NX2116/2116A/2116B/2117/2117A
1
Rev. 3.0
03/14/06
TYPICAL APPLICATION
DESCRIPTION
The NX2116/2117 family of products are synchronous
Buck controller IC designed for step down DC to DC
converter applications. They are optimized to convert
bus voltages from 2V to 25V to as low as 0.8V output
voltage. The NX2116 and 2117 offer an Enable pin that
can be used to program the converter's start up voltage
using an external divider from bus voltage. These prod-
ucts operate at fixed internal frequency of 300kHz, ex-
cept that NX2116A operates at 600kHz and 2116B at
1MHz frequency. These products employ loss-less cur-
rent limiting protection by sensing the Rdson of syn-
chronous MOSFET followed by latch out feature. Feed-
back under voltage triggers Hiccup.
Other features are; 5V gate drive, Power good indica-
tor, Adaptive deadband control, Internal digital soft start;
Vcc undervoltage lock out and shutdown capability via
the enable pin or comp pin.
n Bus voltage operation from 2V to 25V
n Power Good indicator available in NX2116
n Fixed 300kHz, 600kHz and 1MHz for NX2116 and
300kHz, 600kHz for NX2117 family.
n Internal Digital Soft Start Function
n Less than 50 nS adaptive deadband
n Enable pin to program BUS UVLO for NX2116/2117
n Programmable current limit triggers latch out by
sensing Rdson of
Synchronous MOSFET
n No negative spike at Vout during startup and
shutdown
ORDERING INFORMATION
FEATURES
SYNCHRONOUS PWM CONTROLLER WITH
CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
APPLICATIONS
n Graphic Card on board converters
n Memory Vddq Supply
n On board DC to DC such as 2V to 3.3V, 2.5V or
1.8V
n ADSL Modem
PRELIMINARY DATA SHEET
Device
Temperature
Package
Frequency
Pb-Free
NX2116CMTR
0 to 70oC
MLPD-10L
300kHz
Yes
NX2116ACMTR
0 to 70o C
MLPD-10L
600kHz
Yes
NX2116BCMTR
0 to 70o C
MLPD-10L
1MHz
Yes
NX2117CUTR
0 to 70o C
MSOP-10L
300kHz
Yes
NX2117ACUTR
0 to 70o C
MSOP-10L
600kHz
Yes
Figure 1 - Typical application of 2116
C5
1uF
Cin
Vin1
+12V
D1
M1
M2
L1 1uH
C2
1.5nF
C7
0.1uF
R2
16k
17.4k
R4
20k
R1
33pF
C1
68k
R5
12.4k
R6
Vcc
BST
Fb
Comp
SW
Hdrv
Ldrv
4
2
1
10
3
7
8
EN
6
C4
1uF
10
R3
+1.8V,9A
Vout
270uF,18mohm
2x (220uF,12mohm)
Co
Gnd
11
L2 1uH
C3
39uF
OFF
ON
2N3904
10k
R8
R7
10k
C8
1nF
2.61k
R9
Pgood
1k
R10
+5V
5
OCP
9
3.7k
R11
Vin2
+5V
MBR0530T1
Pb Free Product


Similar Part No. - NX2116A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113A MICROSEMI-NX2113A Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACMTR MICROSEMI-NX2113ACMTR Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113ACUTR MICROSEMI-NX2113ACUTR Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2113CMTR MICROSEMI-NX2113CMTR Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
More results

Similar Description - NX2116A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5166 CHERRY-CS5166 Datasheet
435Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
CS5166H CHERRY-CS5166H Datasheet
440Kb / 22P
5-Bit Synchronous CPU Controller with Power-Good and Current Limit
Rev. 6/28/99
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1 Datasheet
267Kb / 20P
Power over Ethernet Interface Controller with Dual Current Limit
logo
List of Unclassifed Man...
AT1368 ETC-AT1368 Datasheet
549Kb / 13P
1- Channel Synchronous Buck PWM Controller with Power Good Reset
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
ON Semiconductor
CS5166 ONSEMI-CS5166 Datasheet
899Kb / 25P
5?묪it Synchronous CPU Controller with Power Good and Current Limit
July, 2006 ??Rev. 4
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Linear Technology
LTC4257-1 LINER-LTC4257-1_15 Datasheet
276Kb / 20P
Power over Ethernet Interface Controller with Dual Current Limit
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048_16 Datasheet
426Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com