Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2147 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation NX2147 Datasheet HTML 10Page - Microsemi Corporation NX2147 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NX2147
9
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
Fig.5 10A step response( CH1 VOUT AC 50mV/DIV,
CH4 Output current 5A/DIV)
Demoboard waveforms
Fig.4 Start up( CH1 VOUT 1V/DIV, CH4 Output
current 5A/DIV)
Fig.6 Soft turn off(CH1 ENSW 2V/DIV, CH2 VOUT
0.5V/DIV)
Fig.8 D1=0, D0 from low to high(CH1 D0 2V/DIV,
CH2 VOUT 0.1V/DIV 0.8V OFFSET, CH3 INDUC-
TOR CURRENT 5A/DIV, CH4 VP 0.1V/DIV 0.8V
OFFSET)
OUTPUT EFFICIENCY (VIN=12V,VOUT=1.09V)
50
55
60
65
70
75
80
85
90
95
10
100
1000
10000
OUTPUT CURRENT (mA)
Fig.9 Output efficiency
Fig.7 D0=0, D1 from low to high(CH1 D0 2V/DIV,
CH2 VOUT 0.1V/DIV 0.8V OFFSET, CH3 INDUC-
TOR CURRENT 5A/DIV, CH4 VP 0.1V/DIV 0.8V
OFFSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com