Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2147 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX2147
Description  SINGLE CHANNEL MOBILE PWM CONTROLLER WITH DYNAMIC VOLTAGE ADJUSTMENT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2147 Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2147 Datasheet HTML 1Page - Microsemi Corporation NX2147 Datasheet HTML 2Page - Microsemi Corporation NX2147 Datasheet HTML 3Page - Microsemi Corporation NX2147 Datasheet HTML 4Page - Microsemi Corporation NX2147 Datasheet HTML 5Page - Microsemi Corporation NX2147 Datasheet HTML 6Page - Microsemi Corporation NX2147 Datasheet HTML 7Page - Microsemi Corporation NX2147 Datasheet HTML 8Page - Microsemi Corporation NX2147 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NX2147
2
Rev. 1.6
03/09/09
Rev. 1.8
12/28/09
ABSOLUTE MAXIMUM RATINGS
VCC,PVCC to GND & BST to SW voltage ............ -0.3V to 6.5V
VIN,TON to GND .................................................. -0.3V to 28V
HDRV to SW Voltage .......................................... -0.3V to 6.5V
SW to GND ......................................................... -2V to 30V
All other pins ........................................................ VCC+0.3V
Storage Temperature Range ..................................-65oC to 150oC
Operating Junction Temperature Range .................-40oC to 150oC
ESD Susceptibility ............................................... 2kV
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent
damage to the device. This is a stress only rating and operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
3x3 16-LEAD PLASTIC MLPQ
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc =5V, VIN=15V and T
A =25
oC, unless otherwise
specified.
o
JA
CW
θ ≈ 46/
9
10
11
12
4
3
2
1
VCC
VP
D1
PVCC
VREF_OC
SW
HDRV
8
7
6
5
16
15
14
13
VOUT
AGND
17(PAD)
PARAMETER
SYM
Test Condition
M in
TYP
MAX
Units
VIN
Recommended voltage range
4.5
24
V
Shut down current
ENSW=GND
1
uA
VCC,PVCC Supply
Input voltage range
Vcc
4.5
5.5
V
Operating quiescent current
No switching, ENSW=5V
1.6
mA
Shut down current
ENSW=GND
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com