Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2154CSTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2154CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154CSTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2154CSTR Datasheet HTML 2Page - Microsemi Corporation NX2154CSTR Datasheet HTML 3Page - Microsemi Corporation NX2154CSTR Datasheet HTML 4Page - Microsemi Corporation NX2154CSTR Datasheet HTML 5Page - Microsemi Corporation NX2154CSTR Datasheet HTML 6Page - Microsemi Corporation NX2154CSTR Datasheet HTML 7Page - Microsemi Corporation NX2154CSTR Datasheet HTML 8Page - Microsemi Corporation NX2154CSTR Datasheet HTML 9Page - Microsemi Corporation NX2154CSTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NX2154/2154A
6
Rev.1.2
02/26/07
APPLICATION INFORMATION
Symbol Used In Application Information:
VIN
- Input voltage
VOUT
- Output voltage
IOUT
- Output current
DVRIPPLE - Output voltage ripple
FS
- Working frequency
DIRIPPLE - Inductor current ripple
Design Example
The following is typical application for NX2154, the
schematic is figure 1.
VIN = 33V
VOUT=5V
FS=300kHz
IOUT=3A
DVRIPPLE <=50mV
DVDROOP<=250mV @ 9A step
Output Inductor Selection
The selection of inductor value is based on induc-
tor ripple current, power rating, working frequency and
efficiency. Larger inductor value normally means smaller
ripple current. However if the inductance is chosen too
large, it brings slow response and lower efficiency. Usu-
ally the ripple current ranges from 20% to 40% of the
output current. This is a design freedom which can be
decided by design engineer according to various appli-
cation requirements. The inductor value can be calcu-
lated by using the following equations:
IN
OUT
OUT
OUT
RIPPLE
INS
RIPPLE
OUTPUT
V -VV
1
L=
I
VF
I
=kI
××
∆
×
...(1)
where k is between 0.2 to 0.4.
Select k=0.3, then
OUT
OUT
33V-5V
5V1
L=
0.3 3A
33V
300kHz
L
=15.7uH
××
×
Choose inductor from COILCRAFT DO5022P-153
with L=15uH is a good choice.
Current Ripple is recalculated as
IN
OUT
OUT
RIPPLE
OUT
INS
V -VV
1
I=
L
VF
33V-5V
5V1
=
0.94A
15uH
33V
300kHz
∆
××
×
×=
...(2)
Output Capacitor Selection
Output capacitor is basically decided by the
amount of the output voltage ripple allowed during steady
state(DC) load condition as well as specification for the
load transient. The optimum design may require a couple
of iterations to satisfy both condition.
Based on DC Load Condition
The amount of voltage ripple during the DC load
condition is determined by equation(3).
∆
∆
=
× ∆+
××
RIPPLE
RIPPLE
RIPPLE
S
OUT
I
V
ESRI
8 FC
...(3)
Where ESR is the output capacitors' equivalent
series resistance,C
OUT is the value of output capacitors.
Typically when large value capacitors are selected
such as Aluminum Electrolytic,POSCAP and OSCON
types are used, the amount of the output voltage ripple
is dominated by the first term in equation(3) and the
second term can be neglected.
For this example,electrolytic capacitors are cho-
sen as output capacitors, the ESR and inductor current
typically determines the output voltage ripple.
RIPPLE
desire
RIPPLE
V
50mV
ESR
=
53m
I
0.94A
∆
=
=Ω
∆
...(4)
If low ESR is required, for most applications, mul-
tiple capacitors in parallel are better than a big capaci-
tor.
For example, SANYO electrolytic capacitor
6ME1000WG (1000uF,30m
Ω) is chosen.
E
R IPPLE
R IPPLE
ES RI
N
V
×∆
=
∆
...(5)
Number of Capacitor is calculated as
30m
0.94A
N
50mV
Ω×
=
N =0.566
The number of capacitor has to be round up to a
integer. Choose N =1.
If ceramic capacitors are chosen as output ca



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com