Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2154CSTR Datasheet(PDF) 13 Page - Microsemi Corporation

Part # NX2154CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154CSTR Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button NX2154CSTR Datasheet HTML 9Page - Microsemi Corporation NX2154CSTR Datasheet HTML 10Page - Microsemi Corporation NX2154CSTR Datasheet HTML 11Page - Microsemi Corporation NX2154CSTR Datasheet HTML 12Page - Microsemi Corporation NX2154CSTR Datasheet HTML 13Page - Microsemi Corporation NX2154CSTR Datasheet HTML 14Page - Microsemi Corporation NX2154CSTR Datasheet HTML 15Page - Microsemi Corporation NX2154CSTR Datasheet HTML 16Page - Microsemi Corporation NX2154CSTR Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NX2154/2154A
13
Rev.1.2
02/26/07
Conduction loss is simply defined as:
2
HCON
OUT
DS(ON)
2
LCON
OUT
DS(ON)
TOTAL
HCON
LCON
P
=I
DR
P
=I
(1 D) RK
P
=PP
× ××
× −
××
+
K
...(20)
where the RDS(ON) will increases as MOSFET junc-
tion temperature increases, K is RDS(ON) temperature
dependency. As a result, RDS(ON) should be selected for
the worst case, in which K approximately equals to 1.5
at 125oC according to STM6920 datasheet
. Conduction
loss should not exceed package rating or overall sys-
tem thermal budget.
Switching loss is mainly caused by crossover con-
duction at the switching transition. The total switching
loss can be approximated.
SW
IN
OUT
SWS
1
P
V
I
TF
2
= ×
×××
...(21)
where IOUT is output current, TSW is the sum of T
R
and T
F which can be found in mosfet datasheet, and F
S
is switching frequency. Switching loss PSW is frequency
dependent.
Also MOSFET gate driver loss should be consid-
ered when choosing the proper power MOSFET.
MOSFET gate driver loss is the loss generated by dis-
charg
ing the gate capacitor and is dissipated in driver
circuits.It is proportional to frequency and is defined as:
gate
HGATE
HGS
LGATE
LGSS
P
(Q
V
Q
V
)F
=
×
+
××
...(22)
where QHGATE is the high side MOSFETs gate
charge,QLGATEis the low side MOSFETs gate charge,VHGS
is the high side gate source voltage, and V
LGS is the low
side gate source voltage.
This power dissipation should not exceed maxi-
mum power dissipation of the driver device.
Over Current Limit Protection
Over current Limit for step down converter is
achieved by sensing current through the low side
MOSFET. For NX2154, the current limit is decided by
the R
DSON of the low side mosfet.
When synchronous
FET is on, and the voltage on SW pin is below 360mV,
the over current occurs. The over current limit can be
calculated by the following equation.
SET
DSON
360mV
I
K R
=
×
If MOSFET R
DSON=45mΩ, the worst case thermal
consideration K=1.5, then
SET
DSON
320mV
360mV
I
5.3A
K R
1.5 45m
=
==
×
×Ω
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
There are two sets of components considered in
the layout which are power components and small sig-
nal components. Power components usually consist of
input capacitors, high-side MOSFET, low-side MOSFET,
inductor and output capacitors. A noisy environment is
generated by the power components due to the switch-
ing power. Small signal components are connected to
sensitive pins or nodes. A multilayer layout which in-
cludes power plane, ground plane and signal plane is
recommended .
Layout guidelines:
1. First put all the power components in the top
layer connected by wide, copper filled areas. The input
capacitor, inductor, output capacitor and the MOSFETs
should be close to each other as possible. This helps to
reduce the EMI radiated by the power loop due to the
high switching currents through them.
2. Low ESR capacitor which can handle input RMS
ripple current and a high frequency decoupling ceramic
cap which usually is 1uF
need to be practically touch-
ing the drain pin of the upper MOSFET, a plane connec-
tion is a must.
3. The output capacitors should be placed as close
as to the load as possible and plane connection is re-
quired.
4. Drain of the low-side MOSFET and source of
the high-side MOSFET need to be connected thru a plane
ans as close as possible. A snubber nedds to be placed
as close to this junction as possible.
5. Source of the lower MOSFET needs to be con-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com