Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2415 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # NX2415
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2415 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button NX2415 Datasheet HTML 5Page - Microsemi Corporation NX2415 Datasheet HTML 6Page - Microsemi Corporation NX2415 Datasheet HTML 7Page - Microsemi Corporation NX2415 Datasheet HTML 8Page - Microsemi Corporation NX2415 Datasheet HTML 9Page - Microsemi Corporation NX2415 Datasheet HTML 10Page - Microsemi Corporation NX2415 Datasheet HTML 11Page - Microsemi Corporation NX2415 Datasheet HTML 12Page - Microsemi Corporation NX2415 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
NX2415
9
Rev.4.8
05/06/08
Based On Transient Requirement
Typically, the output voltage droop during transient
is specified as:
DROOP
TRAN
V
<V
∆∆
@ step load
DI
STEP
During the transient, the voltage droop during the
transient is composed of two sections. One Section is
dependent on the ESR of capacitor, the other section is
a function of the inductor, output capacitance as well as
input, output voltage. For example, overshoot caused by
DISTEP transient load which is from high load to low load,
can be estimated as the following equation,if assuming
the bandwidth of system is high enough.
2
OUT
overshoot
step
OUT
V
V
ESRI
2LC
∆
=
× ∆
+
×τ
××
...(6)
where
τ is the a function of capacitor, etc.
EFF
crit
EFF
step
OUT
EFF
crit
OUT
0
if
LL
LI
ESR C
if
LL
V
≤
×∆
τ= 
−
×≥
...(7)
where
OUT
EFF
OUT
OUT
EE
OUT
crit
step
step
L
0.68uH
L
0.34uH
N2
ESR C
V
ESRCV
L
II
=
==
×
×
××
==
∆∆
...(8)
where ESR
E and CE represents ESR and capaci-
tance of each capacitor if multiple capacitors are used
in parallel.
The above equation shows that if the selected out-
put inductor is smaller than the critical inductance, the
voltage droop or overshoot is only dependent on the ESR
of output capacitor. For low frequency capacitor such
as electrolytic capacitor, the product of ESR and ca-
pacitance is high and
crit
LL
≤
is true. In that case, the
transient spec is dependent on the ESR of capacitor.
In most cases, the output capacitors are multiple
capacitors in parallel. The number of capacitors can be
calculated by the following
E
step
2
OUT
tran
E
tran
ESRI
V
N
V
2L CV
×∆
=
+
×τ
∆
× ×
×∆
...(9)
where
EFF
crit
EFF
step
E
E
EFF
crit
OUT
0
if
LL
LI
ESR
C
if
LL
V
≤
×∆
τ= 
−
×≥
...(10)
For example, assume voltage droop during transient
is 120mV for 30A load step.
If the OS-CON capacitors (1000uF, 7m
Ω ) is used,
the critical inductance is given as
EE
OUT
crit
step
ESRCV
L
I
7m
1000 F 1.2V
0.28H
30A
××
==
∆
Ω×
µ×
=µ
The effective inductor value is 0.34uH which is big-
ger than critical inductance. In that case, the output volt-
age transient not only dependent on the ESR, but also
capacitance.
number of capacitors is
EFF
step
EE
OUT
LI
ESRC
V
0.34 H 30A
7m
1000 F
1.5us
1.2V
×∆
τ =
−×
µ×
=
−
Ω×
µ=
E
step
2
OUT
tran
EFF
E
tran
2
ESRI
V
N
V
2 LCV
7m
30A
120mV
1.2V
(1.5us)
2 0.34H 1000 F 120mV
1.78
×∆
=
+
×τ
∆
×
× ×∆
Ω×
=+
×
×
µ ×
µ×
=
The number of capacitors has to satisfied both ripple
and transient requirement. Overall, we can choose N=2.
It should be considered that the proposed equa-
tion is based on ideal case, in reality, the droop or over-
shoot is typically more than the calculation. The equa-
tion gives a good start. For more margin, more capaci-
tors have to be chosen after the test. Typically, for high
frequency capacitor such as high quality POSCAP es-
pecially ceramic capacitor, 20% to 100% (for ceramic)
more capacitors have to be chosen since the ESR of
capacitors is so low that the PCB parasitic can affect
the results tremendously. More capacitors have to be
selected to compensate these parasitic parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com