Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2415 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # NX2415
Description  TWO PHASE SYNCHRONOUS PWM CONTROLLER WITH INTEGRATED FET DRIVER AND DIFFERENTIAL CURRENT SENSE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2415 Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2415 Datasheet HTML 1Page - Microsemi Corporation NX2415 Datasheet HTML 2Page - Microsemi Corporation NX2415 Datasheet HTML 3Page - Microsemi Corporation NX2415 Datasheet HTML 4Page - Microsemi Corporation NX2415 Datasheet HTML 5Page - Microsemi Corporation NX2415 Datasheet HTML 6Page - Microsemi Corporation NX2415 Datasheet HTML 7Page - Microsemi Corporation NX2415 Datasheet HTML 8Page - Microsemi Corporation NX2415 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NX2415
2
Rev.4.8
05/06/08
ABSOLUTE MAXIMUM RATINGS
Vcc to PGND & BST to SW voltage .................... -0.3V to 6.5V
BST to PGND Voltage ...................................... -0.3V to 35V
SW to PGND .................................................... -2V to 35V
All other pins .................................................... -0.3V to 6.5V
Storage Temperature Range ............................... -65oC To 150oC
Operating Junction Temperature Range ............... -40oC To 125oC
Lead temperature(Soldering 5s) ........................... 260oC
CAUTION: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent damage to
the device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
32-LEAD PLASTIC MLPQ 5 x 5
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc = 5V, V
BST-VSW=5V, EN=HIGH, and TA = 0 to 70
oC.
Typical values refer to T
A = 25
oC. Low duty cycle pulse testing is used which keeps junction and case temperatures
equal to the ambient temperature.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage(Vcc)
VCC ,PVCC Voltage Range
VCC
4.5
5
5.5
V
PVCC Supply Current
(Dynamic)
ICC
(Dynamic)
EN&ENBUS HIGH,
Freq=200Khz per phase
CLOAD=2200PF
4
mA
VBST Voltage Range
VBST to VSW
4.5
5
5.5
V
mA
ICC (Static) EN=LOW
-
6.6
VBST
(Dynamic)
EN&ENBUS HIGH,
Freq=200Khz per phase
CLOAD=2200PF
4
mA
VCC Supply Current (static)
VBST Supply Current
((Dynamic))
θ ≈ 35/
o
JA
CW
NX2415
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
18
19
20
21
22
23
24
17
25
26
27
28
29
30
31
32
VP
FB
VREF
RT
PGSEN
COMP
DROOP
OCP
PGnd1
PGnd2
BST1
PVCC1
LDRV1
LDRV2
PVCC2
BST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com