Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5615CD Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM5615CD
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CD Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM5615CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WM5615
Wolfson Microelectronics
5
Setup time, DIN before SCLK high
tsu (DS)
45
ns
Hold time, DIN valid after SCLK high
th (DH)
0
ns
Setup time, CS low to SCLK high
tsu (CSS)
1
ns
Setup time CS high to SCLK high
tsu (CS1)
50
ns
Hold time, SCLK low to CS low
th (CSHO)
1
ns
Hold time, SCLK low to CS high
th (CSHI)
0
ns
Pulse duration, min. chip select pulse width height
tw(CS)
20
ns
Pulse duration, SCLK low
tw (CL)
18
ns
Pulse duration, SCLK high
tw (CH)
18
ns
Output Switching Specification
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Output slew rate
SR
CL = 100pF RL = 10 k
Ω
0.3
0.5
V/
µs
TA = 25oC
Output settling time
tS
TO 0.5 LSB CL = 100pF
12.5
µs
RL = 2k
Ω (see note 9)
Glitch energy
DIN = All 0s to all 1s
5
nV
. s
Signal to noise + distortion
S/(N+D)
Vref = 2Vpp at 1kHz +
60
dB
2.048 V DC, code 512
Note 9:
Settling time is the time for the output signal to remain within 0.5 LSB of the final measured value for a digital
input code change from code zero to 1023 rising and 1023 to 64 falling.
Digital Input Timing Specifications
Electrical Characteristics (continued)
VDD = 5.0V ±5%, Vref = 2.048V unless otherwise stated.
Analogue Output Dynamic Performance
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time
tpd (DOUT)
CL = 50pF
50
ns
Reference feedthrough
Input code = 00
-80
dB
(see note 10)
Reference input bandwidth
Input code = 512
100
kHz
(see note 10)
Note 10: Reference feedthrough and bandwidth are measured at the DAC output with Vref input = 2Vpp at 1kHz +
2.048V DC
reference input (REFIN)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com