Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5615CD Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM5615CD
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CD Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM5615CD Datasheet HTML 1Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 2Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 3Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
WM5615
Wolfson Microelectronics
3
Resolution
10
bits
Integral nonlinearity
INL
(see note 1)
±1
LSB
Differential nonlinearity
DNL
(see note 2)
+0.1
±0.5
LSB
Zero scale error (offset error) EZS
(see note 3)
±3
LSB
Zero scale error (offset error)
(see note 4)
3
ppm/oC
temperature coefficient
Gain error
EG
(see note 5)
±3
LSB
Gain error temperature
(see note 6)
1
ppm/oC
coefficient
Power-supply rejection ratio
PSRR
Offset (see notes 7 and 8)
0.1
LSB/V
Gain
0.1
Analogue full scale output
RL = 100k
Ω
2Vref(1023/1024)
V
Electrical Characteristics (over recommended operating free-air temperature range)
VDD = 5.0V ±5%, Vref = 2.048V unless otherwise stated.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Static DAC Specifications
Notes:
1. The relative accuracy or integral nonlinearity (INL),
sometimes referred to as linearity error, is the
maximum deviation ot the output from the line
between zero and full scale, excluding the effect of
zero code and full scale errors (see text).
2. The differential nonlinearity (DNL), sometimes
referred to as differential error, is the difference
between the measured and ideal LSB amplitude
change of any two adjacent codes. Monotonic means
the output voltage changes in the same direction (or
remains constant) as a change in the digital input
code.
3. Zero-scale error is the deviation from zero voltage
output when the digital input is zero (see text)
4. Zero-scale error temperature coefficient is given by
EZS TC = [EZS (Tmax) - EZS (Tmin)] /Vref x 106/ (Tmax-
Tmin)
Voltage Output (OUT)
5. Gain error is the deviation from the ideal output (Vref
- 1LSB) with an output load of 10k
Ω, excluding the
effects of zero error.
6. Gain temperature coefficient is given by EG TC =
[EG (Tmax) - EG (Tmin)] /Vref x 106/(Tmax-Tmin).
7. Zero-scale offset error rejection ratio (EZS-RR) is
measured by varying the VDD from 4.5V to 5.5V DC
and measuring the proportion of this signal imposed
on the zero-code output voltage.
8. Gain error rejection ratio (EG-RR) is measured by
varying the VDD from 4.5 to 5.5 V DC and measuring
the proportion of this signal imposed on the full-scale
output voltage after subtracting the zero scale
change.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Voltage output range
VO
RL = 10k
Ω
0VDD-0.4
V
Output load regulation accuracy
VO(OUT) = 2V RL=2k
Ω
0.5
LSB
Output short circuit current
IOSC
OUT to VDD or AGND
20
mA
Output voltage, low level
VOL(low)
IO (OUT) <= 5mA
0.25
V
Output voltage, high level
VOH(high)
IO (OUT) <= -5mA
4.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com