Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5620LIN Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM5620LIN
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620LIN Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM5620LIN Datasheet HTML 1Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 2Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 3Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 4Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 5Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Wolfson Microelectronics
5
WM5620L, WM5620
Tot al Unad just ed Error
V DD = 5 V , V ref = 2.5 V , Range = x 1, TA = 25
O C
-0.5
-0.25
0
0.25
0.5
0
32
64
96
128
160 192
224 256
Input Co de
Electrical Characteristics: WM5620 & WM5620L (continued)
11 Reference feedthrough is measured at a DAC out-
put with an input code = 00 Hex with a VREF input = 1
Vdc + 1 VPP at 10kHz
12. Channel to channel isolation is measured at a DAC
output with an input code of one DAC to FF Hex and
the code oa all other DACs to oo Hex with a VREF
input = 1 Vdc + 1 Vpp at 10kHz
13 Setting time is the time for the output signal to remain
within ±0.5 LSB of the final measurement value for a
digital input code change of 00 Hex to FF Hex. For WM
5620: VDD = 5V, VREF = 2V and range = x 2. For
WM5620L: VDD = 3, VREF = 1.25V and range = x 2.
14 Reference bandwidth is the -3dB bandwidth with an
input at VREF = 1.25 Vdc =+ 2 Vpp with a digital input
code of full-scale
Parameter Measurement Information
DACA
DACB
DACC
DACD
10K
CL - 100pF
Typical DNL, INL and TUE * at VDD = 5 V
Typical Performance Characteristics
Slewing Settling Time and Linearity Measurements
* see note 2
Inte gral No nline arit y
V DD = 5 V , V ref = 2.5 V , Range = x 1, T A = 25
OC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code
D iff erential Nonlinearit y
V DD = 5 V , V ref = 2.5 V , Range x 1, TA= 25OC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code
Dif ferent ial Nonlinearit y
V DD = 5 V , V ref = 2 V , Range = x 2, TA = 25
OC
-0.2
-0.1
0
0.1
0.2
0
32
64
96
128
160
192
224
256
Input Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com