Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM5620LIN Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM5620LIN
Description  3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5620LIN Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM5620LIN Datasheet HTML 6Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 7Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 8Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 9Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 10Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 11Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 12Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 13Page - Wolfson Microelectronics plc WM5620LIN Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Wolfson Microelectronics
10
WM5620L, WM5620
Functional Description
DAC operation
Each of WM5620/L 's four digital to analogue converters
(DACs) are implemented using a single resistor string with
256 taps corresponding to each of the input 8-bit codes.
One end of a resistor string is connected to the GND pin
and the other end is driven from the output of a reference
input buffer. The use of a resistor string guarantees
monotonicity of the DAC's output voltage. Linearity depends
upon the matching of the resistor string's individual elements
and the performance of the output buffer. The reference input
buffers present a high impedance to reference sources.
Each DAC has a voltage output amplifier which is
programmable for gains of x1 or x 2 through the serial
interface. The DAC output amplifiers feature rail to rail
output stages, allowing outputs over the full supply voltage
range to be achieved with a x 2 gain setting and a VDD/2
reference voltage input. Used in this way a slight
degradation in linearity will occur as the output voltage
approaches VDD.
A power-on-reset activates at power up resetting the DACs
inputs to code 0. Each output voltage is given by:
Vout = Vref x CODE/256 x (1 + RNG)
Where:
RNG controls the output gains of x 1 and x 2
CODE is the range 0 to 255
Pin Descriptions
Pin
Name
Type
Function
1
GND
Supply
Ground return and reference terminal
2
RefA
Analogue input
Reference voltage input to DACA
3
RefB
Analogue input
Reference voltage input to DACB
4
RefC
Analogue input
Reference voltage input to DACC
5
RefD
Analogue input
Reference voltage input to DACD
6
Data
Digital input
Serial interface data
7
Clk
Digital input
Serial interface clock, negative edge sensitive
8
Load
Digital input
Serial interface load
9
DACD
Analogue output
DAC D output
10
DACC
Analogue output
DAC C output
11
DACB
Analogue output
DAC B output
12
DACA
Analogue output
DAC A output
13
LDAC
Digital input
DAC update latch control
14
VDD
Supply
positive supply voltage
Data Interface
WM5620/L's four double buffered DAC inputs allow
several ways of controlling the update of each DAC's
output.
Serial data is input, MSB first, into the DATA input pin using
CLK, LOAD and LDAC control inputs and comprises 2 DAC
address bits, an output range (RNG) bit and 8 DAC input
bits.
With the LOAD pin high data is clocked into the DATA pin
on each falling edge of CLK. Any number of data bits may
be clocked in, only the last 11 bits are used. When all data
bits have been clocked in, a falling edge at the LOAD pin
latches the data and RNG bits into the correct 9 bit input
latch using the 2 bit DAC address.
If the LDAC input pin is low, the second latch at the DAC
input is transparent, and the DAC input and RNG bit will be
updated on the falling edge of LOAD simultaneously with
the input latch, as shown in figure 1. If the LDAC input is high
during serial data input, as shown in figure 2, the falling edge
of the LOAD input stores the data in the addressed input
latch. The falling edge of LDAC updates the second latches
from the input latches and hence the DAC outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com