Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8144 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
WM8144-10
Wolfson Microelectronics
13
Digital Signal Processing
By default, the output from the ADC passes through the
digital compensation block without being altered and is
output directly on the OP[9:0] pins. If required, the pixel
data from the ADC can be processed further by the dig-
ital compensation block (Figure 8). This section describes
the sub-blocks of the digital compensation block.
CDATA Demultiplexor
The input to this block is coefficient data presented to the
CDATA[7:0] pins at twice the pixel rate. i.e. two eight-bit
words are input for each pixel of video data.
Data Partitioning
The sixteen bits of data per pixel from the CDATA
Demultiplexor is partitioned into pixel offset, pixel gain
and pixel valid bits (Table 3) . Table 4 details the resulting
range and resolution options.
Pixel Offset Adder
This uses the offset coefficients that are either supplied
externally via the CDATA interface or from the internal
default registers. The object of this block is to correct for
the small offsets which can occur from the CCD on a
pixel-by-pixel basis. The output from the Pixel Offset
Adder is limited to be between 0 and 1023(dec).
Pixel Gain Adjust
This block corrects for the pixel-by-pixel shading curve
non-uniformity and photo response non-uniformity within
the CCD sensor. This block has a gain range of 0 to 2.
The output word from the Pixel Gain Adjust is limited to
between 0 and 1023(dec).
Effect of digital compensation on ADC output
The combined effect of the digital compensation sec-
tions on the ADC output is summarised by the formula:
OP[9:0] = (ADCOP + POC) * PSCF
where:
All values are decimal
OP[9:0] is the 10 bit result output from the WM8144-10
ADCOP is a 10 bit unsigned number from the ADC
POC is a 2's compliment number divided byNUMBER OF
POC BITS ALLOCATED/2
PSCF is an unsigned number divided by NUMBER OF
PSC BITS ALLOCATED/2
For this example assume PSC is allocated 12 bits and
POC
is
allocated
4
bits
(refer
to
table
3:DVMODE,PWP0,PWP1 = 0). Table 1 shows some ex-
amples of the effect of the digital backend on the ADC
output.
ADCOP
POC
PSC
OP[9:0]
ORNG
Range
0:1023
-8:7
0:4095
0:1023
0:1
Default
0
2048 (x1)
Ex 1
512
0
2048
512
0
Ex 2
512
-7
2048
505
0
Ex 3
512
6
2048
518
0
Ex 4
1022
6
2048
1023
1
Ex 5
1022
6
512
257
1
Ex 6
512
0
2560
640
0
Ex 7
512
0
512
128
0
Ex 8
512
0
4095
1023
1
Ex 9
511
0
4095
1021
0
Table 2: Examples of digital backend calculation
Theory of Operation (contd.)
PIXEL OFFSET
ADDER
LIMIT
MUX
MUX
MUX
DEFAULT
DEFAULT
MUX
PIXEL GAIN
ADJUST
LIMIT
DATA VALID
GENERATION
DATA
PARTITIONING
DEMUX
AND MUX
DATA
LATCH
OUT OF RANGE
GENERATION
10
11
4,5 or 6
612
10
12,11 or 10
22
10
10
ADC
ORNG INPUT TO
8/10 MUX BLOCK
OP[9:0] INPUT TO
8/10 MUX BLOCK
DV OUTPUT
ADCOP
CDATA
DEFAULT
Figure 12
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com