Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8144 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
WM8144-10
Wolfson Microelectronics
21
Figure 16: Serial Interface Timing
Figure 17: Parallel Interface Timing
Configuration of the WM8144-10
The WM8144-10 can be configured through a serial
interface or a parallel interface. Selection of the
interface type is by the PNS pin which must be tied
high (parallel) or low (serial).
Serial Interface
The serial interface consists of three pins (refer to
figure 16 ). A six-bit address is clocked in MSB first
followed by an eight-bit data word, also MSB first.
Each bit is latched on the rising edge of SCK, which
can operate at upto 12MHz. Once the data has been
shifted into the device, a pulse is applied to SEN to
transfer the data to the appropriate internal register.
Parallel Interface
The parallel interface uses bits [9:2] of the OP bus as
well as the STB, DNA and RNW pins (refer to figure
17). Pin RNW must be low during a write operation.
The DNA pin defines whether the data byte is address
(low) or data (high). The data bus OP[9:2] is latched in
during the low period of STB. This interface is
compatible with the Extended Parallel Port interface.
Internal Register Definition
Table 5 summarises the internal register content. The
first 4 addresses in the table are used to program setup
registers and to provide a software reset feature ( 00H
is reserved ). The remaining 7 entries in the table define
Table 6: Register Map Contents
the address location of internal data registers. In each case,
a further three sub-addresses are defined for the red, green
and blue register. Selection between the red, green and
blue registers is performed by address bits a1 and a0, as
defined in the table. Setting both a1 and a0 equal to 1 forces
all three registers to be updated to the same data value.
Blank entries can be taken as 'don't care' values.
Address
Description
Def'lt
Bit
<a5:a0>
(Hex)
b7
b6
b5
b4
b3
b2
b1
b0
000000 Reserved
000001 Setup Register 1
1B
DVMODE
VSMP6M
DEFDV
DEFPO
DEFPG
MONO
CDS
ENADC
000010 Setup Register 2
00
CDATOUT
BYPASS
LATCHOP
INVOP
MUXOP
000011 Setup Register 3
11
CHAN[1]
CHAN[0]
CDSREF[1] CDSREF[0]
PWP[1]
PWP[0]
RLC[1]
RLC[0]
000100 Software Reset
00
000101 Setup Register 4
00
DACRNG
1000xx DAC values
00
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
1001xx DAC signs
00
DSIGN
1010xx PGA Gains
00
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
1011xx Pixel Offsets
00
OFF[5]
OFF[4]
OFF[3]
OFF[2]
OFF[1]
OFF[0]
1100xx Pixel Gain MSB
80
GAIN[11]
GAIN[10]
GAIN[9]
GAIN[8]
GAIN[7]
GAIN[6]
GAIN[5]
GAIN[4]
1101xx Pixel Gain LSB
00
GAIN[3]
GAIN[2]
GAIN[1]
GAIN[0]
1110xx Data Valid
01
DV
xx
Address LSB decode
a1
a0
Red Register
0
0
Green Register
0
1
Blue Register
1
0
Red, Green and Blue
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com