Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8146 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8146 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
WM8146
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8146CDW/V
0 to 70
oC
28-pin SOIC
SEN
OP[1]
OP[0]
SCK
SDI
DVDD2
OP[7]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
GINP
AGND1
VRB
VRT
VMID
VRLC
BINP
AVDD
DGND
AGND2
DVDD1
OEB
VSMP
RLC
MCLK
RINP
WM8146
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RINP
Analogue input
Red channel input video.
2
AGND2
Supply
Analogue ground (0V).
3
DVDD1
Supply
Digital supply (5V) for logic and clock generator. This must be operated at the same
potential as AVDD.
4
OEB
Digital input
Output Hi-Z control, all digital outputs disabled when OEB = 1.
5
VSMP
Digital input
Video sample synchronisation pulse.
6
RLC
Digital input
Selects reset level clamp on a pixel-by-pixel basis – active high. Tie high to use on
every pixel.
7
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or
any multiple of 2 thereafter depending on input sample mode).
8
DGND
Supply
Digital ground (0V).
9
SEN
Digital input
Enables the serial interface when high.
10
DVDD2
Supply
Digital supply (5V/3.3V), all digital I/O pins.
11
SDI
Digital input
Serial interface data input.
12
SCK
Digital input
Serial interface clock.
13
OP[0]
Digital output
14
OP[1]
Digital output
15
OP[2]
Digital output
16
OP[3]
Digital output
17
OP[4]
Digital output
18
OP[5]
Digital output
19
OP[6]
Digital output
20
OP[7]
Digital output
Digital multiplexed output data bus.
OEB = 0: ADC output data is available in (8+4bit) multiplexed format on pins OP[7] to
OP[0]. See Operational Timing diagrams for details.
OEB = 1: Output is Hi=Z.
21
AVDD
Supply
Analogue supply (5V). This must be operated at the same potential as DVDD1.
22
AGND1
Supply
Analogue ground (0V).
23
VRB
Analogue output
Lower reference point of ADC reference string
This pin must be connected to AGND via a decoupling capacitor.
24
VRT
Analogue output
Upper reference point of ADC reference string
This pin must be connected to AGND via a decoupling capacitor.
25
VMID
Analogue output
Buffered mid-point of ADC reference string
This pin must be connected to AGND via a decoupling capacitor.
26
VRLC
Analogue output
Selectable analogue output voltage for RLC.
This pin must be connected to AGND via a decoupling capacitor.
27
BINP
Analogue input
Blue channel input video.
28
GINP
Analogue input
Green channel input video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com