Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8146 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8146
Description  12-bit(84-bit) Linear Sensor Image Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8146 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8146 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8146 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
WM8146
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.1 January 2000
4
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD1 = DVDD2 =4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 12MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 12-bit ADC, PGA, Offset and CDS functions)
NO MISSING CODES GUARANTEED
Full-scale transition error
±25
±100
mV
Zero-scale transition error
±25
±100
mV
Differential non-linearity
DNL
+1.5
LSB
References
Upper reference voltage
VRT
AVDD = 5V
3.47
3.5
3.53
V
Lower reference voltage
VRB
AVDD = 5V
1.47
1.5
1.53
V
DAC reference voltage
VMID
AVDD = 5V
2.47
2.5
2.53
V
RLC switching impedance
500
Ω
1.46
1.5
1.54
V
2.46
2.5
2.54
V
Reset level clamp options
VRLC
AVDD = 5V
Voltage set by register
configuration
3.46
3.5
3.54
V
Impedance VRT to VRB
250
500
750
Ω
Input Multiplexer
CDS mode full scale input range
(VVS-VRS)
x denotes the channel selected
Gx
2
Vp-p
Channel to channel gain matching
1
%
Offset DAC (monotonicity guaranteed)
Resolution
8 (+sign)
bits
Zero code voltage
VMID-20
VMID+20
mV
Full scale voltage error
020
mV
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
DACRNG=0
DACRNG=1
4.9
7.4
mV/step
mV/step
Output voltage
DACRNG=0
DACRNG=1
+/-1.25
+/-1.875
V
V
Programmable Gain Amplifier (monotonicity guaranteed)
Resolution
5bits
Max gain, each channel
GMAX
8.25
V/V
Min gain, each channel
GMIN
0.5
V/V
Gain error, each channel
1%
DIGITAL SPECIFICATIONS
Digital Inputs
High level input voltage
VIH
0.8
∗
DVDD2
V
Low level input voltage
VIL
0.2
∗
DVDD2
V
High level input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CI
5pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD2 -
0.5
V
Low level output voltage
VOL
IOL = 1mA
DGND +
0.5
V
High impedance output current
IOZ
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com