Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8190 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8190
Description  (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8190 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8190 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Advanced Information
WM8190
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 August 1999
13
OUTPUT FORMATS
The digital data output from the ADC is available to the user in 8/7/4-bit wide multiplexed formats by
setting control bits MUXOP[1:0]. Latency of valid output data with respect to VSMP is programmable
by writing to control bits DEL[1:0]. The latency for each mode is shown in the Operating Mode Timing
Diagrams section.
Figure 11 shows the output data formats for Modes 1 – 2 and 4 – 6. Figure 12 shows the output data
formats for Mode 3. Table 1 summarises the output data obtained for each format.
MCLK
4+4+4+2-BIT
OUTPUT
AB
AB
C
D
8+6 AND 7+7-BIT
OUTPUT
MCLK
4+4+4+2-BIT
OUTPUT
AB
8+6 AND 7+7-BIT
OUTPUT
AB
C
D
AB
Figure 11 Output Data Formats (Modes 1
−
2, 4
− 6)
Figure 12 Output Data Formats (Mode 3)
OUTPUT
FORMAT
MUXOP[1:0]
OUTPUT
PINS
OUTPUT
8+6-bit
multiplexed
0X
OP[7:0]
A = d13, d12, d11, d10, d9, d8, d7, d6, d5
B = d4, d3, d2, d1, d0, CC, OVRNG
7+7-bit
10
OP[7:0]
A = d13, d12, d11, d10, d9, d8, d7, CC
B = d6, d5, d4, d3, d2, d1, d0, OVRNG
4+4+4+2-bit
(nibble)
11
OP[7:4]
A = d13, d12, d11, d10
B = d9, d8, d7, d6
C = d5, d4, d3, d2
D = d1, d0, CC, OVRNG
Table 1 Details of Output Data Shown in Figure 11 and Figure 12.
FLAGS
The following flags are output during multiplexed modes:
CC can be used in colour modes 1 and 5 to identify the green channel output, from which the blue
and red data can be identified.
INPUT
CC
RINP
0
GINP
1
BINP
0
Table 2 Input Sampled Flags CC[1:0]
OVRNG indicates that the current output data was produced by an input signal that exceeded the
input range limit of the device. 1 = out of range, 0 = within range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com