Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8190 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8190
Description  (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8190 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8190 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
WM8190
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 August 1999
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8190CDW/V
0 to 70
oC
28-pin SOIC
SEN
OP[1]
OP[0]
SCK
SDI
DVDD2
OP[7]/SDO
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
GINP
AGND1
VRB
VRT
VRX
VRLC/VBIAS
BINP
AVDD
DGND
AGND2
DVDD1
OEB
VSMP
RLC/ACYC
MCLK
RINP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RINP
Analogue input
Red channel input video.
2
AGND2
Supply
Analogue ground (0V).
3
DVDD1
Supply
Digital supply (5V) for logic and clock generator. This must be operated at the same
potential as AVDD.
4
OEB
Digital input
Output Hi-Z control, all digital outputs disabled when OEB = 1.
5
VSMP
Digital input
Video sample synchronisation pulse.
6
RLC/ACYC
Digital input
RLC (active high) selects reset level clamp on a pixel-by-pixel basis – tie high if
used on every pixel. ACYC autocycles between R, G, B inputs.
7
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or
any multiple of 2 thereafter depending on input sample mode).
8
DGND
Supply
Digital ground (0V).
9
SEN
Digital input
Enables the serial interface when high.
10
DVDD2
Supply
Digital supply (5V/3.3V), all digital I/O pins.
11
SDI
Digital input
Serial data input.
12
SCK
Digital input
Serial clock.
Digital multiplexed output data bus.
ADC output data (d13:d0) and error flags (F) are available in three multiplexed
formats as shown, under the control of register bit MUXOP[1:0].
See ‘Output Formats’ description in Device Description section for further details.
8+6-bit
7+7-bit
4+4+4+2-bit
A
B
AB
AB
C
D
13
OP[0]
Digital output
d6
F
F
F
14
OP[1]
Digital output
d7
F
d7
d0
15
OP[2]
Digital output
d8
d0
d8
d1
16
OP[3]
Digital output
d9
d1
d9
d2
17
OP[4]
Digital output
d10
d2
d10
d3
d10
d6
d2
F
18
OP[5]
Digital output
d11
d3
d11
d4
d11
d7
d3
F
19
OP[6]
Digital output
d12
d4
d12
d5
d12
d8
d4
d0
20
OP[7]
Digital output
d13
d5
d13
d6
d13
d9
d5
d1
Alternatively, pin OP[7]/SDO may be used to output register read-back data when
OEB = 0 and SEN has been pulsed high. See Serial Interface description in Device
Description section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com