Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T1 Datasheet(PDF) 2 Page - Rohm

Part # MP6T1
Description  Medium Power Transistor (−32V, −1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T1 Datasheet(HTML) 2 Page - Rohm

  MP6T1 Datasheet HTML 1Page - Rohm MP6T1 Datasheet HTML 2Page - Rohm MP6T1 Datasheet HTML 3Page - Rohm MP6T1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6T1
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Collector-Emitter breakdown voltage
Collector-base breakdown voltage
<Tr1, Tr2>
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−32
−40
−5
−
−
120
−
−
−
−
−
−
−
−
−
−
150
20
−
−
−
−500
−500
390
−500
∗
−
−
V
IC
= −1mA
IC
= −50µA
IE
= −50µA
VCB
= −20V
VEB
= −4V
VCE
= −3V, IC= −100mA
IC/IB
= −500mA/−50mA
VCE
= −5V, IE= 50mA, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
V
V
nA
nA
−
mV
MHz
pF
Typ.
Max.
Unit
Conditions
∗ Pulsed
Electrical characteristics curves
Fig.1 Grounded Emitter
Propagation Characteristics
0
-1
-2
-5
-20
-200
-500
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
-10
-50
-100
VCE
=
−6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Ta
=100 C
25 C
−55 C
0
0
−100
−400
−500
−0.4
−0.8
−1.2
−1.6
−200
−300
−2.0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Grounded Emitter Output
Characteristics
IB
=0mA
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
−3.5
−4.0
−4.5
−5.0
Ta
=25 C
COLLECTOR CURRENT : IC (mA)
Fig.3 DC Current Gain vs.
Collector Current (
Ι )
−1
50
100
1000
−2
−5 −10 −20 −50 −100 −200 −500
200
500
−1000
Ta
=25 C
−1V
VCE
= −3V
50
100
1000
200
500
−1 −2
−5 −10 −20 −50 −100 −200 −500−1000
VCE
= −3V
COLLECTOR CURRENT : IC (mA)
Fig.4 DC Current Gain vs.
Collector Current (
ΙΙ)
Ta
=100 C
25 C
−55 C
−1 −2
−5 −10 −20 −50 −100 −200 −500 −1000−2000
COLLECTOR CURRENT : IC
(mA)
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−0.01
Ta
=25 C
IC/IB
=10
−1
−2
−5
−10
−20
−50 −100
−0.2
0
−0.4
−0.6
−0.8
−1.0
BASE CURRENT : IB
(mA)
Fig.6 Collector-Emitter Saturation
Voltage vs. Base Current
lC
= −500mA
lC
= −300mA
Ta
=25 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com