Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T1 Datasheet(PDF) 3 Page - Rohm

Part # MP6T1
Description  Medium Power Transistor (−32V, −1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T1 Datasheet(HTML) 3 Page - Rohm

  MP6T1 Datasheet HTML 1Page - Rohm MP6T1 Datasheet HTML 2Page - Rohm MP6T1 Datasheet HTML 3Page - Rohm MP6T1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6T1
Transistors
Rev.A
3/3
20
50
100
200
−1
−2
−5
−10 −20
−50 −100
EMITTER CURRENT : IE
(mA)
Fig.7 Gain Bandwidth Product
vs. Emitter Current
Ta
=25 C
VCE
= −5V
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.8 Collector output capacitance
vs.collector-base voltage
−0.5
−1
−2
−5
−10
−20
10
20
50
100
Ta
=25 C
f
=1MHz
IE
=0A
0.01
0.1
1
10
0.001
0.1
10
1000
PULSE W IDTH : Pw(s)
Ta=25℃
Fig.9 Normalized thermal resistance
(Element)
Fig.9 Normalized Thermal Resistance
(Element)
Fig.10
Safe Operating Area
(Tr 1 & Tr 2)
0.01
0.1
1
10
0.1
1
10
100
Ta=25
℃
Single Pulse
100ms
10ms
1ms
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
DC
--
-
-
-
-
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com