Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T3 Datasheet(PDF) 2 Page - Rohm

Part # MP6T3
Description  Medium Power Transistor (−60V, −3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T3 Datasheet(HTML) 2 Page - Rohm

  MP6T3 Datasheet HTML 1Page - Rohm MP6T3 Datasheet HTML 2Page - Rohm MP6T3 Datasheet HTML 3Page - Rohm MP6T3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6X3
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Collector-Emitter breakdown voltage
Collector-base breakdown voltage
<Tr1, Tr2>
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−60
−6
−
−
120
−
−
−
−
−
−
−
−
−
−200
180
50
−
−
−
−1.0
−1.0
270
−500
∗1
∗1
∗2
∗2
∗2
−
−
V
IC
= −1mA
IC
= −100µA
IE
= −100µA
VCB
= −40V
VEB
= −4V
VCE
= −2V, IC= −100mA
IC/IB
= −2A/−200mA
VCE
= −10V, IE= 100mA, f=10MHz
VCB
= −10V, IE=0A, f=1MHz
V
V
µA
µA
−
mV
MHz
pF
Turn-on time
Storage time
Fall time
ton
tstg
tf
−
−
−
20
150
20
−
−
−
IC
= −3V
IB1
= −300mA
IB2
= 300mA
VCC
−25V
ns
ns
ns
Typ.
Max.
Unit
Conditions
∗1 Pulsed
∗2 See switching time test circuit
∼−
Electrical characteristics curves
0
−0.5
−1
−1.5
BASE TO EMITTER VOLTAGE : VBE (V)
Fig.1 Grounded Emitter
Propagation Characteristics
−0.01
−0.1
−1
−10
VCE
= −2V
Ta
= −40°C
Ta
=25°C
Ta
=125°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current (
Ι )
1
10
100
1000
Ta
=25°C
VCE
= −5V
VCE
= −3V
VCE
= −2V
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.4 DC Current Gain vs.
Collector Current (
ΙΙ )
1
10
100
1000
VCE
= −2V
Ta
=25°C
Ta
= −40°C
Ta
=125°C
IC/IB
=10/1
Ta
=25°C
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current (
Ι )
−0.01
−0.1
−1
−10
IC/IB
=20/1
−0.001
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.6 Collector-Emitter Saturation
Voltage vs. Collector Current (
ΙΙ )
−0.01
−0.1
−1
−10
Ta
=25°C
Ta
= −40°C
Ta
=125°C
IC/IB
=10/1
Fig.2 Grounded Emitter Output Characteristics
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-2.0
-1.5
-1.0
-0.5
0.0
IB=10mA
IB=1mA
IB=2mA
IB=3mA
IB=4mA
IB=5mA
IB=6mA
IB=7mA
IB=8mA
IB=9mA
COLLECTOR TO EMITTER VOLTAGE
:VCE(V)
Ta=25
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com