Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6T3 Datasheet(PDF) 1 Page - Rohm

Part # MP6T3
Description  Medium Power Transistor (−60V, −3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6T3 Datasheet(HTML) 1 Page - Rohm

  MP6T3 Datasheet HTML 1Page - Rohm MP6T3 Datasheet HTML 2Page - Rohm MP6T3 Datasheet HTML 3Page - Rohm MP6T3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP6T3
Transistors
Rev.A
1/3
Medium Power Transistor (
−60V, −3A)
MP6T3
Features
1) High speed switching. (tf : Typ. : 20ns at Ic= −3A)
2) Low saturation voltage, typically
(Typ. :
−200mV at Ic = −2A, IB = −0.2A)
3) Strong discharge power for inductive load and
capacitance load.
4) Contain two 2SA2071-dies in a package.
Applications
Low frequency amplifier
High speed switching
Structure
PNP Silicon epitaxial planar transistor
Dimensions (Unit : mm)
MPT6
(6)
(5)
(4)
(1)
(2)
(3)
Packaging specifications
Inner circuit
Package
Code
TR
1000
Taping
Basic ordering unit(pieces)
MP6T3
Type
Absolute maximum ratings (Ta=25
°C)
Parameter
Collector-base voltage
<Tr1, Tr2>
Collector-emitter voltage
Emitter-base voltage
Collector current
VCBO
VCEO
VEBO
−60
V
V
V
A
A
−60
−6
−3
IC
ICP
Power dissipation
Junction temperature
Range of storage temperature
PD
Tj
Tstg
W / ELEMENT
W / TOTAL
°C
°C
−6
2.0
1.4
Continuous
Pulsed
150
−55 to +150
Symbol
Limits
Unit
∗1 Pw=10ms 1 Pulse
∗2 Mounted on a ceramic board
∗1
∗2
(1)
(1) Emitter <Tr1>
(2) Base <Tr1>
(3) Collector <Tr2>
(4) Emitter <Tr2>
(5) Base <Tr2>
(6) Collector <Tr1>
(2)
(3)
(6)
(5)
(4)
<Tr1>
<Tr2>


Similar Part No. - MP6T3

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
Medium Power Transistor (−32V, −1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
Midium Power Transistors (-50V / -3A)
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
Medium Power Transistor (−32V, −2A)
More results

Similar Description - MP6T3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2073 ROHM-2SA2073 Datasheet
70Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SA1797 ROHM-2SA1797_1 Datasheet
97Kb / 3P
Power Transistor (−50V, −3A)
2SA2072 ROHM-2SA2072 Datasheet
71Kb / 5P
High voltage discharge, High speed switching, Low Noise (−60V, −3A)
2SB1184 ROHM-2SB1184_1 Datasheet
95Kb / 4P
Power Transistor (−60V, −3A)
2SB1424 ROHM-2SB1424_1 Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
2SA2007 ROHM-2SA2007 Datasheet
55Kb / 1P
High-speed Switching Transistor (−60V,−12A)
2SA1952 ROHM-2SA1952_1 Datasheet
77Kb / 3P
High-speed Switching Transistor (−60V, −5A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
Medium Power Transistor (−60V, −2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com