Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X1 Datasheet(PDF) 2 Page - Rohm

Part # MP6X1
Description  Medium Power Transistor (32V, 1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X1 Datasheet(HTML) 2 Page - Rohm

  MP6X1 Datasheet HTML 1Page - Rohm MP6X1 Datasheet HTML 2Page - Rohm MP6X1 Datasheet HTML 3Page - Rohm MP6X1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP6X1
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current gain
Collector-emitter saturation voltage
Collector output capacitance
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
32
40
5
−
−
120
−
−
−
−
−
−
−
−
−
−
150
15
−
−
−
500
500
390
400
−
−
VIC=1mA
IC=50
µA
IE=50
µA
VCB=20V
VEB=4V
IC/IB=500mA/50mA
VCE=5V, IE=
−50mA, f=100MHz
VCE=3V, IC=100mA
VCB=10V, IE=0A, f=1MHz
V
V
nA
nA
−
mV
MHz
pF
Typ.
Max.
Unit
Conditions
<Tr1, Tr2>
∗
∗
∗ Pulsed
Transition frequency
Electrical characteristics curves
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
1
2
5
10
20
50
100
200
500
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE=
6V
Ta=100
°C
−55°C
25
°C
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0
100
200
300
400
500
0.4
0.8
1.2
1.6
2.0
0
Ta=25
°C
0.5mA
IB=0A
1.5mA
3.0mA
3.5mA
1.0mA
2.0mA
2.5mA
4.5mA
4.0mA
Fig.3 DC current gain vs. collector
current (
Ι )
COLLECTOR CURRENT : IC
(mA)
2
1
5
10
20
50 100 200
500 1000
50
100
200
500
1000
2000
Ta=25
°C
VCE=3V
1V
Fig.4 DC current gain vs.
collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
5
10 20
50 100 200 500 1000
2
200
500
1000
2000
100
50
1
VCE=
3V
Ta=100
°C
25
°C
−55°C
Fig.5 Collector-emitter saturation
voltage vs. collector current (
Ι )
COLLECTOR CURRENT : IC
(mA)
1
1000
0.5
0.01
0.2
0.1
0.02
0.05
2
5
10
20
50 100 200
500
Ta=2
5
°C
20
10
IC/IB=50
Fig.6 Collector-emitter saturation
voltage vs. collector current (
ΙΙ)
COLLECTOR CURRENT : IC
(mA)
2
1
5 10
20
50 100 200 5001000
0.02
0.01
0.05
0.1
0.2
0.5
lC/lB
=10
Ta=100
°C
25
°C
−40°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com