Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6X1 Datasheet(PDF) 3 Page - Rohm

Part # MP6X1
Description  Medium Power Transistor (32V, 1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X1 Datasheet(HTML) 3 Page - Rohm

  MP6X1 Datasheet HTML 1Page - Rohm MP6X1 Datasheet HTML 2Page - Rohm MP6X1 Datasheet HTML 3Page - Rohm MP6X1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MP6X1
Transistors
Rev.A
3/3
Fig.7 Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE
(mA)
-1
-100
200
20
100
50
-2
-5
-10
-20
-50
Ta=25
°C
VCE
=5V
Fig.8 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
0.5
20
5
10
20
50
100
12
5
10
Ta=25
°C
f=1MHz
IE
=0A
0.01
0.1
1
10
0.001
0.1
10
1000
PULSE W IDTH : Pw(s)
Ta=25℃
Fig.9 Normalized thermal resistance
(Element)
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE
: V
CE (V)
100ms
10ms
1ms
Ta=25℃
Single Pulse
DC
Fig.10 Safe operating area (Tr1&Tr2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com