Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8706 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8706
Description  24-bit, 192kHz Stereo DAC with Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8706 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8706 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8706 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
WM8706
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
13
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)
Figure 9 Application and Release of Soft Mute
The MUTEB pin is an input to select mute or not mute. MUTEB is active low; taking the pin low
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking
MUTEB high again allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long
being applied to both channels. After such an event, a latch is set whose output
(AUTOMUTED) is wire OR’ed through a 10kohm resistor to the MUTEB pin. Thus if the
MUTEB pin is not being driven, the automute function will assert mute.
If MUTEB is tied high, AUTOMUTE is overridden and will not mute unless the IZD register bit is
set. If MUTEB is driven from a bi-directional source, then both MUTE and automute functions
are available. If MUTEB is not driven, AUTOMUTED appears as a weak output (10k source
impedance) so can be used to drive external mute circuits. Automute will be removed as soon
as any channel receives a non-zero input.
A diagram showing how the various Mute modes interact is shown below in Figure 10.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
MUT (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTEB
PIN
Figure 10 Selection Logic for MUTE Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com