Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8716 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8716 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8716 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8716 Datasheet HTML 21Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Production Data
WM8716
WOLFSON MICROELECTRONICS LTD
PD Rev 3.1 April 2001
19
LPF
28
DVDD
DGND
ML/I2S
AGND
AVDDL
AVDD
11
VMIDR
8
7
WM8716
AVDDR
AGNDR
AGNDL
27
MC/DM1
26
MD/DM0
23
CSB/IWO
VOUTR
16
VOUTL
24
MODE
25
MUTEB
13
21
ZERO
AVDD
18
VMIDL
1
LRCIN
2
DIN
3
BCKIN
5
XTI
6
XTO
15
9
20
14
10
19
+
-
RIGHT
OUTPUT
DATA
4
CLKO
22
RSTB
DVDD
DVDD
LPF
28
DVDD
DGND
ML/I2S
AGND
AVDDL
AVDD
11
VMIDR
8
7
WM8716
AVDDR
AGNDR
AGNDL
27
MC/DM1
26
MD/DM0
23
CSB/IWO
VOUTR
16
VOUTL
24
MODE
25
MUTEB
13
21
ZERO
AVDD
18
VMIDL
1
LRCIN
2
DIN
3
BCKIN
5
XTI
6
XTO
15
9
20
14
10
19
+
-
LEFT
OUTPUT
DATA
4
CLKO
22
RSTB
DVDD
DVDD
AUDIO
SERIAL
DATA
LRCIN
DIN
BCKIN
SCKI
+
+
+
+
+
+
+
+
LEFT DAC
RIGHT DAC
12
MODE8X
17
DIFFHW
AVDD
12
MODE8X
17
DIFFHW
AVDD
Hardware
Control
NOTE:
1. MODE selects left/right data. High for right, Low for left.
Figure 16 Example of 2 WM8716 Stereo DACs Configured in Hardware Differential Mode to Provide an Optimum
Performance Stereo Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com