Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8816 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8816
Description  Stereo Digital Volume Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8816 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8816 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8816 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WM8816
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 1.1 September 2000
12
PACKAGE DIMENSIONS
Symbols
Dimensions
(mm)
Dimensions
(Inches)
MINMAX
MINMAX
A
2.35
2.65
0.0926
0.1043
A1
0.10
0.30
0.0040
0.0118
B
0.33
0.51
0.0130
0.0200
C
0.23
0.32
0.0091
0.0125
D
10.10
10.50
0.3465
0.3622
e
1.27 BSC
0.0500 BSC
E
7.40
7.60
0.2914
0.2992
h
0.25
0.75
0.0100
0.0290
H
10.00
10.65
0.3940
0.4190
L
0.40
1.27
0.0160
0.0500
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-013
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-013, VARIATION = AA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM019.A
DW: 16 PIN SOICW 7.5mm (0.3") Wide Body, 1.27mm Lead Pitch
L
A
16
D
e
B
1
8
9
h x 45o
α
C
E
H
SEATING PLANE
A1
-C-
0.10 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com