Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9701ACFT/V Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9701ACFT/V
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701ACFT/V Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9701ACFT/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
16
The ID decodes the capabilities of WM9701A based on the following:
BIT
FUNCTION
VALUE ON WM9701A
ID0
Dedicated Mic PCM in channel
0
ID1
Modem line Codec support
0
ID2
Bass and treble control
0
ID3
Simulated stereo (mono to stereo)
0
ID4
Headphone out support
0
ID5
Loudness (bass boost) support
0
ID6
18-bit DAC resolution
1
ID7
20-bit DAC resolution
0
ID8
18-bit ADC resolution
1
ID9
20-bit ADC resolution
0
SE4....SE
0
No stereo enhancement
00000
Table 1 Reset Register Function
Note that WM9701A defaults to indicate 18-bit compatibility. However, a control bit may be set in the
vendor - specific registers that changes bits ID6 and ID8 to be ‘0’, indicating a 16-bit device. It is
unlikely that this function will be required, however, as the MSB justification of the ADC and DAC
data means that a nominally 18-bit device should be fully compatible with controllers that only
provide 16-bit support. (Most PC type applications will only require 16-bit operation).
PLAY MASTER VOLUME REGISTERS (INDEX 02h, 04h AND 06h)
These registers manage the output signal volumes. Register 02h controls the stereo master volume
(both right and left channels), Register 04h controls the optional stereo headphone out, and
Register 06h controls the mono volume output. Each step corresponds to 1.5dB. The MSB of the
register is the mute bit. When this bit is set to 1 the level for that channel is set at -
∞dB.
ML5 to ML0 is for left channel level, MR5 through MR0 is for the right channel and MM5 to MM0 is
for the mono out channel.
Support for the MSB of the level is not provided by WM9701A. If the MSB is written to then
WM9701A detects when that bit is set and sets all 4 LSBs to 1s. Example: If the driver writes a
1xxxxx WM9701A interprets that as x11111. It will also respond when read with x11111 rather than
1xxxxx, the value written to it. The driver can use this feature to detect if support for the 6th bit is
there or not.
The default value of both the mono and the stereo registers is 8000h (1000 0000 0000 0000), which
corresponds to 0dB gain with mute on.
MUTE
MX4...MX0
FUNCTION
0
0 0000
0dB attenuation
0
0 0001
1.5dB attenuation
0
1 1111
46.5dB attenuation
1
x xxxx
∞dB attenuation
Table 2 Volume Register Function
MASTER TONE CONTROL REGISTERS (INDEX 08h)
Optional register for support of tone controls (bass and treble). WM9701A does not support bass
and treble and writing to this register will have no effect, reading will result in all don’t care values.
PC BEEP REGISTER (INDEX 0Ah)
This controls the level for the PC-beep input. Each step corresponds to approximately 3dB of
attenuation. The MSB of the register is the mute bit. When this bit is set to 1 the level for that
channel is set at -
∞dB.
WM9701A defaults to the PC-beep path being muted, so an external speaker should be provided
within the PC to alert the user to power on self-test problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com